Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS511 Datasheet(PDF) 8 Page - International Rectifier

Part # IPS511
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511 Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS511 Datasheet HTML 4Page - International Rectifier IPS511 Datasheet HTML 5Page - International Rectifier IPS511 Datasheet HTML 6Page - International Rectifier IPS511 Datasheet HTML 7Page - International Rectifier IPS511 Datasheet HTML 8Page - International Rectifier IPS511 Datasheet HTML 9Page - International Rectifier IPS511 Datasheet HTML 10Page - International Rectifier IPS511 Datasheet HTML 11Page - International Rectifier IPS511 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IPS511/IPS511S
8
www.irf.com
Figure 11a - Max load current (A) Vs Tamb (oC)
IPS511
Figure 11b - Max load current (A) Vs Tamb (oC)
IPS511S
0
1
2
3
4
5
25
50
75
100
125
150
Free air
Rthja= 40°C/W
Rthja= 20°C/W
Rthja= 10°C/W
0
1
2
3
4
5
25
50
75
100
125
150
1inch² footprint
Rthja= 35°C/W
Std. footprint
Rthja= 60°C/W
Figure 12 - Transient Thermal Impedance (oC/W)
Vs Time (S)
Figure 13 - Ilim (A) Vs Tj (
oC)
0
1
2
3
4
5
6
-50
0
50
100
150
0.01
0.1
1
10
10 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com