Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS511 Datasheet(PDF) 2 Page - International Rectifier

Part # IPS511
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511 Datasheet(HTML) 2 Page - International Rectifier

  IPS511 Datasheet HTML 1Page - International Rectifier IPS511 Datasheet HTML 2Page - International Rectifier IPS511 Datasheet HTML 3Page - International Rectifier IPS511 Datasheet HTML 4Page - International Rectifier IPS511 Datasheet HTML 5Page - International Rectifier IPS511 Datasheet HTML 6Page - International Rectifier IPS511 Datasheet HTML 7Page - International Rectifier IPS511 Datasheet HTML 8Page - International Rectifier IPS511 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPS511/IPS511S
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth 1
Thermal resistance junction to case
—
#
—
Rth 2
Thermal resistance junction to ambient
—
$
—
Rth 1
Thermal resistance with standard footprint
—
60
—
Rth 2
Thermal resistance with 1" square footprint
—
40
—
Rth 3
Thermal resistance junction to case
—
#
—
Thermal Characteristics
TO-220
D2PAK (SMD220)
oC/W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to GROUND lead. (Tj = 25
oC unless otherwise specified).
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vout
Maximum output voltage
Vcc-50 Vcc+0.3
Voffset
Maximum logic ground to load ground offset Vcc-50 Vcc+0.3
Vin
Maximum Input voltage
-0.3
5.5
Vcc max
Maximum Vcc voltage
—
50
Iin, max.
Maximum IN current
-5
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Idg, max
Maximum diagnostic output current
-1
10
mA
Isd cont.
Diode max. permanent current (1)
—
2.2
Isd pulsed Diode max. pulsed current (1)
—10
ESD1
Electrostatic discharge voltage (Human Body)
—
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
—
0.5
C=200pF, R=0
Ω, L=10µH
Pd
Maximum power dissipation
(1)
(TC=25oC) IPS511
—
25
(rth=80oC/W) IPS511S
—
1.56
Tj max.
Max. storage & operating junction temp.
-40
+150
Tlead
Lead temperature (soldering 10 seconds)
—
300
V
A
kV
W
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com