Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5421 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # ST5421
Description  ISDN S-Interface Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST5421 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  ST5421 Datasheet HTML 1Page - Pulse A Technitrol Company ST5421 Datasheet HTML 2Page - Pulse A Technitrol Company ST5421 Datasheet HTML 3Page - Pulse A Technitrol Company ST5421 Datasheet HTML 4Page - Pulse A Technitrol Company ST5421 Datasheet HTML 5Page - Pulse A Technitrol Company ST5421 Datasheet HTML 6Page - Pulse A Technitrol Company ST5421 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T604.F (05/12)
1
pulseelectronics.com
ISDN S-Interface Transformers
Meets pulse waveform template of CCITT I.430 when
recommended transformer and chip pair are used
Excellent longitudinal balance
2kVrms isolation voltage
Available in tape and reel, tray or tube packaging
Recognized by UL
SC-1
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
Ratio
(
±2%)
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
CD Pri
(pF MAX)
DCR Pri
(
Ω ±25%)
DCR Sec
(
Ω ±25%)
IDC
(mA MAX)
Package /
Schematic
A
B
A & B
A
B
A & B
A
B
A
B
A
B
PE-65793
1:1
1:1
22
5
5
100
42
42
2.4
2.4
2.4
2.4
1
SC-1
PE-65795
1:2
1:2
22
15
15
100
80
80
4.3
4.3
4.3
4.3
1
SC-1
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
C
∆
L
Surface Mount, Dual, 2000 Vrms
8
9
16
PE-6579X
Date Code
Country of Origin
.530 MAX
13,46
.720 MAX
18,29
.600
15,24
16X .030
0,76
.120 TYP
3,05
.050 TYP
1,27
.520
13,21
.760
19,30
.100 TYP
2,54
.700
17,78
.004/0,10
16 SURFACES
.010/.020
0,25/0,51
.122
3,10
.950 MAX
24,13
.100
2,54
.390 MAX
9,91
.040/.050
1,02/1,27
SUGGESTED PAD LAYOUT
16
13
14
23
15 14
12
9
58
67
1110
PRI
COIL A
COIL B
SEC


Similar Part No. - ST5421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST54 STMICROELECTRONICS-ST54 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
logo
Microdiode Semiconducto...
ST540L CHENDA-ST540L Datasheet
184Kb / 2P
TRENCH SCHOTTKY RECTIFIER
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
ST5451D STMICROELECTRONICS-ST5451D Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
ST5481 STMICROELECTRONICS-ST5481 Datasheet
167Kb / 18P
L.O.U.I.S - LOW COST USB ISDN SOLUTION
Oct-2000
More results

Similar Description - ST5421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
3/24/94
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
ISDN S-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
ISDN S-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
ISDN S-Interface Transformers
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com