Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5421 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # ST5421
Description  ISDN S-Interface Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST5421 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  ST5421 Datasheet HTML 1Page - Pulse A Technitrol Company ST5421 Datasheet HTML 2Page - Pulse A Technitrol Company ST5421 Datasheet HTML 3Page - Pulse A Technitrol Company ST5421 Datasheet HTML 4Page - Pulse A Technitrol Company ST5421 Datasheet HTML 5Page - Pulse A Technitrol Company ST5421 Datasheet HTML 6Page - Pulse A Technitrol Company ST5421 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T604.F (05/12)
2
pulseelectronics.com
ISDN S-Interface Transformers
Meets pulse waveform template of CCITT I.430 when
recommended transformer and chip pair are used
Excellent longitudinal balance
2kVrms isolation voltage
Recognized by UL
IS-1
ID-1
Mechanical
Mechanical
Schematic
Schematic
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
Ratio
(
±2%)
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
CD Pri
(pF MAX)
DCR Pri
(
Ω ±25%)
DCR Sec
(
Ω ±25%)
Isolation
(VRMS MIN)
IDC
(mA MAX)
Package /
Schematic
PE-64995NL
1CT:2CT
22
15
100
80
2.5
4.3
2000
1
SC-1
CC
A
A
∆
2kV Isolation, Through Hole, Single Transformers
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Turns Ratio
DCR (mΩ MAX)
Package /
Schematic
Equivalent
Single
Primary
Pins
Secondary
Pins
Equivalent
Single
Primary
Pins
Secondary
Pins
PE-65495NL
1:2
1-4
1-4
16-13
1:2
PE-64995NL
5-8
12-9
ID-1
Ratio
Ratio
L
Through Hole, Single & Dual, 2000 Vrms
.558 MAX
14,20
1
2
3
6
4
PE-6499X
DATE CODE
.120 – .020
3,10 0,30
.400
10,20
.400
10,20
CL
CL
LEADS ARE 22 AWG SOLDERABLE
5
.558 MAX
14,20
.400 MAX
10,20
6
4
1
3
2
5
PRI : SEC
PRI
SEC
16
13
14
23
15 14
12
9
58
67
1110
COIL A
COIL B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com