Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3990 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3990
Description  150mA Linear Voltage Regulator for Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3990 Datasheet HTML 1Page - National Semiconductor (TI) LP3990 Datasheet HTML 2Page - National Semiconductor (TI) LP3990 Datasheet HTML 3Page - National Semiconductor (TI) LP3990 Datasheet HTML 4Page - National Semiconductor (TI) LP3990 Datasheet HTML 5Page - National Semiconductor (TI) LP3990 Datasheet HTML 6Page - National Semiconductor (TI) LP3990 Datasheet HTML 7Page - National Semiconductor (TI) LP3990 Datasheet HTML 8Page - National Semiconductor (TI) LP3990 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LP3990
150mA Linear Voltage Regulator for Digital Applications
General Description
The LP3990 regulator is designed to meet the requirements
of portable, battery-powered systems providing an accurate
output voltage, low noise, and low quiescent current. The
LP3990 will provide a 0.8V output from the low input voltage
of 2V at up to 150mA load current. When switched into
shutdown mode via a logic signal at the enable pin, the
power consumption is reduced to virtually zero.
The LP3990 is designed to be stable with space saving
ceramic capacitors as small as 0.47µF.
Performance is specified for a -40˚C to 125˚C junction tem-
perature range.
For output voltages other than 0.8V, 1.35V, 1.5V, 1.8V, 2.5V,
2.8V, or 3.3V please contact your local NSC sales office.
Features
n
1% Voltage Accuracy at Room Temperature
n
Stable with Ceramic Capacitor
n
Logic Controlled Enable
n
No Noise Bypass Capacitor Required
n
Thermal-Overload and Short-Circuit Protection
Key Specifications
n
Input Voltage Range
2.0 to 6.0V
n
Output Voltage Range
0.8 to 3.3V
n
Output Current
150mA
n
Output Stable - Capacitors
0.47uF
n
Virtually Zero I
Q (Disabled)
<10nA
n
Very Low I
Q (Enabled)
43uA
n
Low Output Noise
150uV
RMS
n
PSRR
55dB at 1kHz
n
Fast Start Up
105us
Package
All available in Lead Free option.
4 Pin micro SMD
1 mm x 1.28mm
6 pin LLP (SOT23 footprint)
SOT23 - 5
For other package options contact your NSC sales office.
Applications
n
Cellular Handsets
n
Hand-Held Information Appliances
Typical Application Circuit
20076801
November 2004
© 2004 National Semiconductor Corporation
DS200768
www.national.com


Similar Part No. - LP3990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI2-LP3990 Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
LP3990 TI2-LP3990 Datasheet
420Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
REVISED DECEMBER 2015
More results

Similar Description - LP3990

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com