Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX1501AM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1501AM
Description  PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1501AM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX1501AM Datasheet HTML 13Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 14Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 15Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 16Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 17Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 18Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 19Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 20Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
Example
1
KVCO e 193 MHzV
Kw e 5 mA (Note 1)
RFopt e 886 MHz
Fref e 25 kHz
N e RFopt fref e 35440
0p e 2q 5 kHz e 31415e4
wp e 43
ATTEN e 10 dB
T1 e
secwp b tanwp
0p
e
138eb5
T3 e
010(1020)b1
(2q
 25e3)2
e
9361eb6
0c e
(tan 43 )
(138eb5 a 9361eb6)
(138eb5 a 9361eb6)2 a 138eb5
 9361eb6

01a(138eb5a9361eb6)
2 a 138eb5  9361eb6
(tan 43 )
(138eb5 a 9361eb6) 2
b
1
(
e
18101e4
T2 e
1
(18101e4)2
 (138eb5 a 9361eb6)
e
1318eb4
C1 e
138eb5
1318eb4
(5eb3)
 193e6
(18101e4)2
 (35440)

1 a (18101e4)2
 (1318eb4)2
1 a (18101e4)2
 (138eb5)2 1 a (18101e4)2  (9361eb6)2
(
e
2153 nF
C2 e 2153 nF
1318eb4
1384eb5
b
1
J e1835nF
R2 e
1318eb4
1835eb9
e
718 kX
if we choose R3 e 120k then C3 e
9361eb6
120e3
e
78 pF
Converting to standard component values gives the follow-
ing filter values which are shown in
Figure 4
C1 e 2200 pF
R2 e 82 kX
C2 e 0018 mF
R3 e 120 kX
C3 e 78 pF
Note 1
See related equation for Kw in Charge Pump Current Specification
Definitions For this example VP e 50V The value for Kw can then
be approximated using the curves in the Typical Performance Char-
acteristics for Charge Pump Current vs Do Voltage The units for Kw
are in mA You may also use Kw e (5 mA2q rad) but in this case
you must convert KVCO to (radV) multiplying by 2q
TLW12340 – 41
FIGURE 4 E5 kHz Loop Filter
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com