Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX1501AM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1501AM
Description  PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1501AM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMX1501AM Datasheet HTML 14Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 15Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 16Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 17Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 18Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 19Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 20Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 21Page - National Semiconductor (TI) LMX1501AM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
TLW12340 – 43
FIGURE 5 PLL Reference Spurs
The reference spurious level is k b66 dBc due to the loop
filter attenuation and the low spurious noise level of the
LMX1511
TLW12340 – 45
FIGURE 6 PLL Phase Noise 35 kHz Offset
The phase noise level at 3 kHz offset is b65 dBcHz
TLW12340 – 44
FIGURE 7 PLL Phase Noise
150 Hz Offset
The phase noise level at 150 Hz offset is b755 dBcHz
TLW12340 – 42
FIGURE 8 Frequency Jump Lock Time
Of concern in any PLL loop filter design is the time it takes
to lock in to a new frequency when switching channels
Fig-
ure 8 shows the switching waveforms for a frequency jump
of 857 MHz – 915 MHz By narrowing the frequency span of
the HP53310A Modulation Domain Analyzer enables evalu-
ation of the frequency lock time to within g1 kHz The lock
time is seen to be k 16 ms for a frequency jump of 58 MHz
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com