Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2240M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2240M
Description  Intermediate Frequency Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2240M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2240M Datasheet HTML 1Page - National Semiconductor (TI) LMX2240M Datasheet HTML 2Page - National Semiconductor (TI) LMX2240M Datasheet HTML 3Page - National Semiconductor (TI) LMX2240M Datasheet HTML 4Page - National Semiconductor (TI) LMX2240M Datasheet HTML 5Page - National Semiconductor (TI) LMX2240M Datasheet HTML 6Page - National Semiconductor (TI) LMX2240M Datasheet HTML 7Page - National Semiconductor (TI) LMX2240M Datasheet HTML 8Page - National Semiconductor (TI) LMX2240M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLW11755
April 1995
LMX2240
Intermediate Frequency Receiver
General Description
The LMX2240 is a monolithic integrated intermediate fre-
quency receiver suitable for use in Digital European Cord-
less Telecommunications (DECT) systems as well as other
mobile telephony and wireless communications applica-
tions It is fabricated using National’s ABiCTM IV BiCMOS
process (fT e 15 GHz)
The LMX2240 consists of a high gain limiting amplifier a
frequency discriminator and a received signal strength indi-
cator (RSSI) The high gain limiting amplifier and discrimina-
tor operate in the 40 MHz to 150 MHz frequency range and
the limiter has approximately 70 dB of gain The use of the
limiter and the discriminator provides a low cost high per-
formance demodulator for communications systems The
RSSI output can be used for channel quality monitoring
The LMX2240 is intended to support single conversion re-
ceivers This device saves power size and cost by eliminat-
ing the second local oscillator (LO) second converter (mix-
er) and additional filters The LMX2240 is recommended for
systems with channel bandwidths of 300 kHz to 25 MHz
The LMX2240 is available in a 16-pin JEDEC surface mount
plastic package
Features
Y
Typical operation at 110 MHz
Y
RF sensitivity to b75 dBm RSSI sensitivity to
b
82 dBm
Y
High gain (70 dB) limiting amplifier
Y
Average current consumption 480 mA for DECT
handset (burst mode)
Y
a
3V operation
Y
Power down mode for increased current savings
Y
Part of a complete receiver solution with the LMX2216
LNAMixer the LMX231520 Phase-locked Loop and
the LMX2411 Baseband Processor
Y
Compliant to ARi1TM specification
Applications
Y
Digital European Cordless Telecommunications (DECT)
Y
Portable wireless communications (PCSPCN cordless)
Y
Wireless local area networks (WLANs)
Y
Digital cellular telephone systems
Y
Other wireless communications systems
Functional Block Diagram
TLW11755 – 1
ABiCTM and ARi1TM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LMX2240M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2216 NSC-LMX2216 Datasheet
258Kb / 12P
0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
LMX2216M NSC-LMX2216M Datasheet
258Kb / 12P
0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
More results

Similar Description - LMX2240M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4787 PANASONIC-2SC4787 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For intermediate frequency amplification)
logo
NXP Semiconductors
UAA3202M PHILIPS-UAA3202M Datasheet
125Kb / 24P
Frequency Shift Keying FSK receiver
1997 Aug 12
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
ams AG
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
New Jersey Semi-Conduct...
2N2991 NJSEMI-2N2991 Datasheet
116Kb / 2P
HIGH-FREQUENCY INTERMEDIATE-POWER TRANSISTORS
logo
Integrated Device Techn...
IDTF1200 IDT-IDTF1200 Datasheet
1Mb / 13P
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
Intermediate Frequency Digital Variable Gain Amplifier
logo
Sciosense B.V.
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com