Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9950TR Datasheet HTML 1Page - STMicroelectronics L9950TR Datasheet HTML 2Page - STMicroelectronics L9950TR Datasheet HTML 3Page - STMicroelectronics L9950TR Datasheet HTML 4Page - STMicroelectronics L9950TR Datasheet HTML 5Page - STMicroelectronics L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
L9950
July 2004
1FEATURES
One full bridge for 6A load (ron = 150mΩ )
Two half bridges for 3A load (ron = 300mΩ )
Two half bridges for 1.5A load (ron = 800mΩ )
One highside driver for 6A load (ron = 100mΩ )
Four highside drivers for 1.5A load (ron = 800 mΩ )
Programmable Softstart function to drive loads
with higher inrush currents (i.e. current
>6A,>3A,>1.5A)
Very low current consumption in standby mode
IS < 6µA, typ. Tj ≤ 85 °C)
All outputs short circuit protected
Current monitor output for 300m
Ω ,150mΩ and
100m highside drivers
All outputs over temperature protected
Open load diagnostic for all outputs
Overload diagnostic for all outputs
Seperated half bridges for door lock motor
PWM control of all outputs
Charge Pump output for reverse polarity
protection
2
APPLICATIONS
Door Actuator Driver with bridges for door lock and
safe lock, mirror axis control, mirror fold and highside
driver for mirror defroster and four 5W-light bulbs.
3DESCRIPTION
The L9950 is a microcontroller driven multifunc-
tional door actuator driver for automotive applica-
tions.Up to five DC motors and five grounded
resistive loads can be driven with six half bridges
and five highside drivers. The integrated standard
serial peripheral interface (SPI) controls all opera-
tion modes (forward, reverse, brake and high im-
pedance).
All diagnostic informations are available via SPI.
DOOR ACTUATOR DRIVER
Figure 2. Block Diagram
DI
CM/PWM2
DO
CLK
CSN
VCC
VBAT
PWM1
GND
M
M
CP
VS
Exteriour Light
Turn Indicator
Safety Light
Footstep Light
Defroster
Lock
Safe Lock
xy-Mirror
Motors
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
M
M
M
M
M
M
Reverse
Polarity
Protection
PWM2
M
M
Mirror Fold
Note: value of capacitor has to be
choosen carefully to limit the VS
voltage below absolute maximum
ratings in case of an unexpected
freewheeling condition (e.g. TSD,
POR)
1k
1k
1k
1k
1k
1k
Note: resistors between
µµC and
L9950 are recommended to limit
currents for negative voltage
transients at VBAT (e.g. ISO
type 1 pulse).
10k
REV. 3
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L9950
PowerSO36
L9950TR
Tape & Reel
PowerSO36


Similar Part No. - L9950TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9950TR STMICROELECTRONICS-L9950TR Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9950TR STMICROELECTRONICS-L9950TR Datasheet
559Kb / 39P
Door actuator driver
19-Sep-2013
More results

Similar Description - L9950TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com