Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics L9950TR Datasheet HTML 15Page - STMicroelectronics L9950TR Datasheet HTML 16Page - STMicroelectronics L9950TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
L9950
Table 9. SPI - Input Data and Status Register (continued)
Bit
Input Register 0 (write)
Status Register 0 (read)
Name
Comment
Name
Comment
17
OUT11 – HS on/off
If a bit is set the selected
output driver is switched on. If
the corresponding PWM
enable bit is set (Input Register
1) the driver is only activated if
PWM1 (PWM2) input signal is
high. The outputs of OUT1-
OUT6 are half bridges. If the
bits of HS- and LS-driver of the
same half bridge are set, the
internal logic prevents that both
drivers of this output stage can
be switched on simultaneously
in order to avoid a high internal
current from VS to GND. In test
mode (CSN>7.5V) this bit
combinations are used to
multiplex internal signals to the
DO-output.
OUT11 – HS over-
current
In case of an over-current event the
corresponding status bit is set and
the output driver is disabled. If the
over-current Recovery Enable bit is
set (Input Register 1) the output will
be automatically reactivated after a
delay time resulting in a PWM
modulated current with a
programmable duty cycle (Bit 21).
If the over-current recovery bit is not
set the microcontroller has to clear
the over-current bit (Reset Bit) to
reactivate the output driver.
16
OUT10 – HS on/off
OUT10 – HS over-
current
15
OUT9 – HS on/off
OUT9 – HS over-
current
14
OUT8 – HS on/off
OUT8 – HS over-
current
13
OUT7 – HS on/off
OUT7 – HS over-
current
12
OUT6 – HS on/off
OUT6 – HS over-
current
11
OUT6 – LS on/off
OUT6 – LS over-
current
10
OUT5 – HS on/off
OUT5 – HS over-
current
9
OUT5 – LS on/off
OUT5 – LS over-
current
8
OUT4 – HS on/off
OUT4 – HS over-
current
7
OUT4 – LS on/off
OUT4 – LS over-
current
6
OUT3 – HS on/off
OUT3 – HS over-
current
5
OUT3 – LS on/off
OUT3 – LS over-
current
4
OUT2 – HS on/off
OUT2 – HS over-
current
3
OUT2 – LS on/off
OUT2 – LS over-
current
2
OUT1 – HS on/off
OUT1 – HS over-
current
1
OUT1 – LS on/off
OUT1 – LS over-
current
0
0
No error Bit
A logical NOR-combination of all
bits 1 to 22 in both status registers.
Bit
Input Register 1 (write)
Status Register 1 (read)
Name
Comment
Name
Comment
23
Enable Bit
If Enable Bit is set the device will be
switched in active mode. If Enable
Bit is cleared device go into standby
mode and all bits are cleared. After
power-on reset device starts in
standby mode.
Always 1
A broken VCC-or SPI-
connection of the L9950 can
be detected by the
microcontroller, because all
24 bits low or high is not a
valid frame.
Table 9. SPI - Input Data and Status Register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com