Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
160
270
IF = 2 mA
751x
1050
IF = 5 mA
200
300
IF = 2 mA
Luminous Intensity/Segment[1,2]
IV
µcd
(Digit Average)
1200
IF = 5 mA
335x, 555x,
K70x
270
370
IF = 2 mA
1480
IF = 5 mA
1.6
IF = 2 mA
Forward Voltage/Segment or DP
VF
1.7
V
IF = 5 mA
2.1
2.5
IF = 20 mA Pk
All Devices
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[3]
λ
d
626
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
- 2
mV/°C
VF/Segment or DP
751x
200
335x
Thermal Resistance LED
R
θ
J-PIN
280
°C/W
Junction-to-Pin
555x, K70x
345
High Efficiency Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com