Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
250
420
IF = 4 mA
(Digit Average)
IV
µcd
1300
IF = 10 mA
1.7
IF = 4 mA
Forward Voltage/Segment or DP
VF
1.8
V
IF = 5 mA
A80x
2.1
2.5
IF = 20 mA Pk
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[3,5]
λ
d
581.5
585
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
- 2
mV/°C
VF/Segment or DP
Thermal Resistance LED
R
θ
J-PIN
200
°C/W
Junction-to-Pin
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
250
475
IF = 4 mA
(Digit Average)
IV
µcd
1500
IF = 10 mA
1.9
IF = 4 mA
Forward Voltage/Segment or DP
VF
2.0
V
IF = 10 mA
A90x
2.1
2.5
IF = 20 mA Pk
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[3,5]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
- 2
mV/°C
VF/Segment or DP
Thermal Resistance LED
R
θ
J-PIN
200
°C/W
Junction-to-Pin
Notes:
1. Device case temperature is 25°C prior to the intensity measurement.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. The yellow (HDSP-A800) and Green (HDSP-A900) displays are categorized for dominant wavelength. The category is designated by a
number adjacent to the luminous intensity category letter.
Yellow
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com