Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP.2450.12.4.B.02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SWLP.2450.12.4.B.02
Description  rohs compliant
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP.2450.12.4.B.02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SWLP.2450.12.4.B.02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-13-8-007/G/SS
Page 2 of 18
1. Introduction
This 12*12*4mm high gain 2.4GHz patch antenna is ideally suited for high performance
industrial applications in the 2.4GHz Wi-Fi, ISM, and Zigbee bands. This product has highest
gain in the XZ (azimuth) plane direction, most suitable for fixed wireless applications where
transmission and reception is focused to one hemisphere of the device, for example a wireless
meter on a reinforced concrete wall. It can also be placed anywhere on the device ground-
plane, unlike most chip or loop antennas which need to be edge mounted.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions. In
practice, the peak gain of an antenna tested in free-space can degrade by at least 1 or 2dBi
when put inside a device. So ideally you should go for a slightly higher peak gain antenna
than mentioned on the module specification to compensate for this effect, giving you better
performance.
Upon testing of any of our antennas with your device and a selection of appropriate layout,
integration technique, or cable, Taoglas can make sure any of our antennas’ peak gain will
be below the peak gain limits. Taoglas can then issue a specification and/or report for the
selected antenna in your device that will clearly show it complying with the peak gain limits,
so you can be assured you are meeting regulatory requirements for that module.
For example, a module manufacturer may state that the antenna must have less than 2dBi
peak gain, but you don’t need to select an embedded antenna that has a peak gain of less
than 2dBi in free-space. This will give you a less optimized solution. It is better to go for a
slightly higher free-space peak gain of 3dBi or more if available. Once that antenna gets
integrated into your device, performance will degrade below this 2dBi peak gain due to the
effects of GND plane, surrounding components, and device housing. If you want to be
absolutely sure, contact Taoglas and we will test. Choosing a Taoglas antenna with a higher
peak gain than what is specified by the module manufacturer and enlisting our help will
ensure you are getting the best performance possible without exceeding the peak gain limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com