Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP.2450.12.4.B.02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # SWLP.2450.12.4.B.02
Description  rohs compliant
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP.2450.12.4.B.02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  SWLP.2450.12.4.B.02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP.2450.12.4.B.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SPE-13-8-007/G/SS
Page 3 of 18
It is better not to select an embedded antenna with very low free-space peak gain (<2dBi)
directly, as this antenna would have worse performance in your device, and lead to
compromised performance compared to using a Taoglas antenna.
2. Key Antenna Performance Indicators*
ELECTRICAL
Frequency Range
2400 MHz to 2500 MHz
Bandwidth
100 MHz @ -7dB
Efficiency
80.12% @ 2450 MHz
Polarization
Linear
VSWR
3.0 max @ Center Frequency
Peak Gain
+2 dBi typ.
Impedance
50 Ohms
MECHANICAL
Dimensions
12mm x 12mm x 4mm
Weight
4g
ENVIRONMENTAL
Operating Temperature
-40℃ to +85℃
Storage Temperature
-40℃ to +85℃
Termination
Ag (Environmentally Friendly Pb Free)
Original Patch Specification measured on EVB 50*50mm. Actual value depends on ground-plane and
housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com