Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F080D55M1T Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29F080D55M1T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29F080D55M1T Datasheet HTML 9Page - STMicroelectronics M29F080D55M1T Datasheet HTML 10Page - STMicroelectronics M29F080D55M1T Datasheet HTML 11Page - STMicroelectronics M29F080D55M1T Datasheet HTML 12Page - STMicroelectronics M29F080D55M1T Datasheet HTML 13Page - STMicroelectronics M29F080D55M1T Datasheet HTML 14Page - STMicroelectronics M29F080D55M1T Datasheet HTML 15Page - STMicroelectronics M29F080D55M1T Datasheet HTML 16Page - STMicroelectronics M29F080D55M1T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13/36
M29F080D
Table 3. Commands
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal.
Table 4. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. TA = 25°C, VCC = 5V.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1X
F0
3
555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30
Read CFI Query
1
55
98
Parameter
Min
Typ (1)
Typical after
100k W/E Cycles (1)
Max
Unit
Chip Erase
12
12
60
s
Block Erase (64 Kbytes)
0.8
6
s
Program (Byte)
10
200
µs
Chip Program (Byte by Byte)
12
60
s
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com