Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F080D55M1T Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29F080D55M1T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29F080D55M1T Datasheet HTML 26Page - STMicroelectronics M29F080D55M1T Datasheet HTML 27Page - STMicroelectronics M29F080D55M1T Datasheet HTML 28Page - STMicroelectronics M29F080D55M1T Datasheet HTML 29Page - STMicroelectronics M29F080D55M1T Datasheet HTML 30Page - STMicroelectronics M29F080D55M1T Datasheet HTML 31Page - STMicroelectronics M29F080D55M1T Datasheet HTML 32Page - STMicroelectronics M29F080D55M1T Datasheet HTML 33Page - STMicroelectronics M29F080D55M1T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
M29F080D
30/36
Table 21. Primary Algorithm-Specific Extended Query Table
Table 22. Security Code Area
Address
Data
Description
Value
40h
50h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
41h
52h
"R"
42h
49h
"I"
43h
31h
Major version number, ASCII
"1"
44h
30h
Minor version number, ASCII
"0"
45h
00h
Address Sensitive Unlock (bits 1 to 0)
00 = required, 01= not required
Silicon Revision Number (bits 7 to 2)
Yes
46h
02h
Erase Suspend
00 = not supported, 01 = Read only, 02 = Read and Write
2
47h
04h
Block Protection
00 = not supported, x = number of blocks per group
4
48h
01h
Temporary Block Unprotect
00 = not supported, 01 = supported
yes
49h
04h
Block Protect /Unprotect
04 = M29W400B mode
4
4Ah
00h
Simultaneous Operations, 00 = not supported
No
4Bh
00h
Burst Mode, 00 = not supported, 01 = supported
No
4Ch
00h
Page Mode, 00 = not supported, 01 = 4 page word, 02 = 8 page word
No
Address
Data
Description
61h
XX
64 bit: unique device number
62h
XX
63h
XX
64h
XX
65h
XX
66h
XX
67h
XX
68h
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com