Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03GENG3E-R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03GENG3E-R
Description  SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03GENG3E-R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03GENG3E-R Datasheet HTML 1Page - Delta Electronics, Inc. 03GENG3E-R Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP-IN MOUNTING HIGH PERFOR-
MANCE IEC CONNECTOR FILTERS
2-7
SERIES
SPECIFICATIONS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.2mA
@ 250VAC 50Hz: 0.4mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
MINIMUM INSERTION LOSS IN dB
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
1A
28
35
38
38
40
40
3A
20
25
30
38
40
40
6A
12
18
24
35
40
40
6A (G3Q)
15
20
24
35
40
55
10A
4
10
13
28
35
40
10A (G3C)
10
15
15
25
30
35
10A (G3Q)
10
12
15
30
32
45
15A
4
10
13
28
35
40
20A
8
10
15
25
30
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
20 dB
0 dB
10K
60 dB
80 dB
40 dB
100K
1M
10M
INSERTION LOSS (TYPICAL)
03GENG3E
06GENG3E
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
20GENG3E
DIFF.MODE
100K
40 dB
20 dB
0 dB
10K
80 dB
60 dB
1M
10M
COMMON MODE
ELECTRICAL SCHEMATIC
G
N
L
E
L
N
I
R
Cx
Cy
Cy
G'
D
L
O
A
N'
L'
R: 1M /-R ONLY
UL, CSA approved to 4A 115/250V
UL, CSA approved to 8A 115/250V
UL, CSA approved to 13A 115/250V
VDE approved to 16A/250V
*
*
*
VDE approved to 8A/250V
VDE approved to 10A/250V
*
*
*
COMPONENTS
**
*
*
*
*
*
*
01GENG3E/W3E/-R
6.5
03GENG3E/W3E/-R
2.5
03GENG3U/-R
2.5
03GENW3ES/-R
2.5
03GENG3Q/W3Q/-R
4
06GENG3E/W3E/-R
0.8
06GENG3U/-R
0.8
06GENG3Q/W3Q/-R
1.5
0.1
2200
1M
06GENW3ES/-R
0.8
10GENG3E/W3E/-R
0.2
10GENG3C/W3C/-R
0.4
10GENG3Q/W3Q/-R
0.3
10GENG3U/-R
0.3
10GENW3ES/-R
0.2
15GENG3E/W3E/-R
0.2
20GENG3E/W3E/-R
0.3
PART NO.
Cx (uF)
L (mH)
Cy (pF)
R (
)
1. Snap-in mounting type to reduce labor cost.
Compact and reliable at low cost.
2. Bleeder resistor can be added with suffix "-R"
on part numbers, except G3H,G3V,W3V,G3J,W3J,types.
3. Optional side snap-in mounting clip type with suffix (H) on part
numbers.
4
5. With optional Y-Cap from 100pF to 3300pF.
. All part numbers are UL recognized, CSA certified and VDE
approved.
INTRODUCTIONS
OR
OR
D
V
E
D
V
E


Similar Part No. - 03GENG3E-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E/W3E/-R DELTA-03GENG3E/W3E/-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E/W3E/-R DELTA-03GENG3E/W3E/-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E/W3E/-R DELTA-03GENG3E/W3E/-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E/W3E/-R DELTA-03GENG3E/W3E/-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results

Similar Description - 03GENG3E-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E DELTA-06GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E-R DELTA-06GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
10GENG3E-R DELTA-10GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GENW3E DELTA-10GENW3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
GKN DELTA-GKN Datasheet
140Kb / 1P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
GEN DELTA-GEN Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com