Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03GENG3E-R Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 03GENG3E-R
Description  SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03GENG3E-R Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  03GENG3E-R Datasheet HTML 1Page - Delta Electronics, Inc. 03GENG3E-R Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-8
NG3E, NG3C, NG3Q (Optional wire type)
UNIT:
INCH
mm
MECHANICAL CONSTRUCTION
20GENG3E (Optional wire type)
SUGGESTED MOUNTING CUTOUT
R0.118MAX.
(MOUNTING FROM REVERSE)
3.19MAX.
0.248X0.031
0.138
2.60MAX.
1.18
66.0MAX.
6.3X0.8
81.0MAX.
3.5
30.0
R4.0MAX.
36.0-0
+0.5
1.417-0
+0.02
1.12 MAX.
SUGGESTED MOUNTING CUTOUT
1.22 0.2
L
G
N
31.0 0.5
28.4 MAX.
NW3ES
Suggested thickness of mounting panel is from
0.0315 (0.8) to 0.063 (1.6) inch(mm) of mounting cutout
+0.012
+0.3
-
1.12 0
-
28.45 0
R0.08MAX.
R2.0MAX.
0.8~1.6
0.0315~0.06
NG3U
WIRE LENGTH : 4.0" MIN.
PCB
PANEL
ASSEMBLY FROM FRONT
NW3ES
NG3E(H), NG3C(H), NG3Q(H) (Optional wire type)
NG3U (With Compact Size)
+0.012
+0.3
-
1.12 0
-
28.45 0
R0.08MAX.
R2.0MAX.
0.8~1.6
0.0315~0.06
SUGGESTED MOUNTING CUTOUT
1.10 0.02
28.0 0.5
L
1.22 0.02
31.0 0.5
G
N
1.12 MAX.
28.4 MAX.
L
1.22 0.02
31.0 0.5
G
N
GENG3E(H)
1.16 0.004
SUGGESTED MOUNTING CUTOUT
0.0315~0.063
R0.08MAX(2X)
R2.0MAX
29.5 0.1
0.8~1.6
1.12 MAX.
28.4 MAX.
L
1.22 0.02
31.0 0.5
G
N
+0.012
+0.3
-
1.12 0
-
28.45 0
R0.08MAX.
R2.0MAX.
GENG3E
0.8~1.6
0.0315~0.06
SUGGESTED MOUNTING CUTOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com