Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04BEEG3F-R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 04BEEG3F-R
Description  DUAL-FUSE CONNECTOR FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

04BEEG3F-R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  04BEEG3F-R Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA
DIMENSIONS IN INCHES/mm
STYLE
PART NO.
A
B
C
D
E
02BEEG3F
EG3F
2.263
2.106
1.66
1.42
1.74
04BEEG3F
EG3F
57.5
53.5
42.0
36.0
44.0
06BEEG3F
EG3F
SERIES DIMENSIONS
BEEG3F
1. Designed as a general purpose filter with a fuse holder providing
effective EMI suppression for both common and differential
mode noise.
2. All part numbers are UL recognized, CSA certified and VDE
approved.
3. Bleeder resistor is added with suffix "-R".
4. With optional Y CAP. from 100pF ~ 4700pF.
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
4-6
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
10K
0 dB
100K
20 dB
40 dB
60 dB
04BEEG4F
06BEEG3F
80 dB
1M
10M
E
N
G
F
L
I
N
L
D
G'
N'
Cx
L
O
L
A
L'
F
R
Cy
Cy
UNIT:
INCH
mm
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
A MAX.
C MAX.
B MAX.
33.1 0.1
M3
R3.5
R0.14
1.303 0.004
SERIES
SPECIFICATIONS
DUAL-FUSE CONNECTOR FILTERS
INTRODUCTIONS
02BEEG3F/-R
4.0
0.1
04BEEG3F/-R
1.8
3300
1M
06BEEG3F/-R
0.8
PART NO.
Cx (uF)
L (mH)
Cy (pF)
R( )
COMPONENTS
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
2A
29
38
40
42
43
41
4A
19
30
32
42
42
39
6A
13
22
26
38
42
38
2A
5
19
28
48
51
50
4A
5
14
21
48
48
42
6A
5
12
15
40
46
38
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
MINIMUM INSERTION LOSS IN dB
INSERTION LOSS (TYPICAL)
ELECTRICAL SCHEMATIC
MECHANICAL CONSTRUCTION
D
V
E


Similar Part No. - 04BEEG3F-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
04BEEG3H DELTA-04BEEG3H Datasheet
189Kb / 1P
FUSE CONNECTOR FILTERS
04BEEG3S DELTA-04BEEG3S Datasheet
189Kb / 1P
FUSE CONNECTOR FILTERS
04BEEG3SA DELTA-04BEEG3SA Datasheet
189Kb / 1P
FUSE CONNECTOR FILTERS
More results

Similar Description - 04BEEG3F-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
Delta Electronics, Inc.
03BEEG3G DELTA-03BEEG3G Datasheet
494Kb / 1P
SWITCH CONNECTOR FILTERS
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Analog Devices
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
31 MHz, Dual Programmable Filters
REV. B
logo
Linear Technology
LTC1921 LINER-LTC1921_15 Datasheet
180Kb / 12P
Dual 48V Supply and Fuse Monitor
logo
Delta Electronics, Inc.
04BEEG3H DELTA-04BEEG3H Datasheet
189Kb / 1P
FUSE CONNECTOR FILTERS
06BEEG3G-R DELTA-06BEEG3G-R Datasheet
1Mb / 1P
SWITCH CONNECTOR FILTERS
10BENG3G DELTA-10BENG3G Datasheet
1Mb / 1P
SWITCH CONNECTOR FILTERS
logo
TT Electronics.
F500 TTELEC-F500 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
logo
Analog Devices
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com