Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06EB3 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 06EB3
Description  POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06EB3 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  06EB3 Datasheet HTML 1Page - Delta Electronics, Inc. 06EB3 Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
L (mH)
Cx (uF)
Cy (pF)
R (
)
10EB3
10EB3A
1.6
0.22
3300
1M
10EB3S
10EB3SA
D
V
E
05EB3B/S
0.93
0.01
2200
1M
PART NO.
L (mH)
Cx (uF)
Cy (pF)
R( )
D
V
E
COMPONENTS
PART NO.
L (mH)
Cx (uF)
Cy (pF)
R (
)
03EB3
03EB3A
8
03EB3S
03EB3SA
0.22
3300
1M
06EB3
06EB3A
2.5
06EB3S
06EB3SA
TYPE & FEATURE
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
G
I
N
E
L
L
N
SW
Cx
R
L
Cy
Cy
G'
L
F
A
D
O
FOR XXEB3S
3
4
1
2
110V
110V
FIG. A
L
L
I
N
E
G
N
Lg
SW
R
Cx
L
Cy
Cy
L
O
A
D
G'
F
2
FOR XXEB3SA
3
4
110V
110V
1
EB3A, EB3SA
FIG. B
Lg: 400 uH (EB3A, EB3SA only)
_
UL, CSA & VDE approved current rating: UL 10A both at 125VAC & 250VAC;
CSA & VDE-6A at 250VAC.
_
UL, CSA & VDE approved current rating: UL & CSA 10A both at 125VAC & 250VAC;
_
VDE 10A at 250VAC.
4-8
SERIES
POWER ENTRY MODULE EMI FILTERS
SPECIFICATIONS
1. Power module incorporates an IEC connector, single or double-
fuse (IEC 5 x 20mm ) holder, optional voltage
selector switch and double-pole power switch, plus an EMI filter
all-in-one easy-to-install unit.
2. Adapts to 110-120V or 220-240V input voltage by simply
reversing the fuse cartridge.
3. All part numbers are UL recognized, CSA certified and VDE
approved.
4. Switch electrical lifetime: 10,000 cycles.
Maximum inrush current: 70A.
INTRODUCTIONS
ELECTRICAL SCHEMATIC
03EB3
03EB3A
03EB3S
03EB3SA
05EB3B
05EB3BS
DELTA PART NO.
06EB3
06EB3A
06EB3S
06EB3SA
10EB3
10EB3A
10EB3S
10EB3SA
DOUBLE
DOUBLE
SINGLE
SINGLE
FUSE
IEC CONNECTOR
DOUBLE POLE POWER SWITCH
VOLTAGE SELECTOR SW
ELECTRICAL SCHEMATIC
FIG.A
FIG.B
FIG.A
FIG.B


Similar Part No. - 06EB3

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
06EC-2V MOXA-06EC-2V Datasheet
658Kb / 6P
EN 50155, 1080p resolution, day & night outdoor IP cameras
logo
Tyco Electronics
06EDK1 MACOM-06EDK1 Datasheet
273Kb / 2P
Enhanced Performance K Series RFI Power Line Filters
06EDK3 MACOM-06EDK3 Datasheet
273Kb / 2P
Enhanced Performance K Series RFI Power Line Filters
logo
Delta Electronics, Inc.
06EK3/A DELTA-06EK3/A Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
06EK3M/AM DELTA-06EK3M/AM Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
More results

Similar Description - 06EB3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03IB2S DELTA-03IB2S Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06AE2 DELTA-06AE2 Datasheet
114Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AR2D DELTA-06AR2D Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06IB2D DELTA-06IB2D Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
10EK3S DELTA-10EK3S Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
AR-SERIES DELTA-AR-SERIES Datasheet
444Kb / 2P
POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com