Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06EB3 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 06EB3
Description  POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06EB3 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  06EB3 Datasheet HTML 1Page - Delta Electronics, Inc. 06EB3 Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03EB3
06EB3
80 dB
40 dB
60 dB
0 dB
20 dB
1M
10K
100K
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
10EB3
80 dB
40 dB
60 dB
0 dB
20 dB
10K
100K
1M
10M
COMMON MODE
DIFF. MODE
4-9
MECHANICAL CONSTRUCTION
INSERTION LOSS (TYPICAL)
INCH
UNIT:
mm
2.37MAX.
60.2MAX.
1.14MAX.
29.0MAX.
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
R0.0984MAX.
R2.5MAX.
+0.02
M3(2X)
2.37-0
-
60.2 0
+0.5
2.58MAX.
65.5MAX.
0.13(2X)
3.3(2X)
MINIMUM INSERTION LOSS IN dB
3A (S)
2
9
12
30
40
30
40
30
6A (S)
2
5
8
20
30
30
45
40
10A (S)
2
5
8
15
30
40
45
35
3A (A,SA)
2
8
12
30
40
35
40
30
6A (A,SA)
2
5
10
15
30
45
50
40
10A (A,SA)
2
5
8
20
30
50
50
40
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
RATING
0.05
0.10
0.15 0.50 1.0
5.0
10
30
3A (S)
20
25
30
38
38
38
38
25
6A (S)
10
15
20
30
35
40
40
30
10A (S)
10
15
20
20
30
40
40
30
3A (A,SA)
20
25
30
40
40
40
45
30
6A (A,SA)
10
15
20
25
30
40
45
30
10A (A,SA) 10
15
20
25
30
45
50
30
COMMON MODE (L-G) IN 50 OHM SYSTEM
CSA approved 6A at 125/250 VAC; VDE-6A/250VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com