Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02MP2 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 02MP2
Description  PC BOARD MOUNTING FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

02MP2 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  02MP2 Datasheet HTML 1Page - Delta Electronics, Inc. 02MP2 Datasheet HTML 2Page - Delta Electronics, Inc. 02MP2 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIMUM INSERTION LOSS IN dB
TYPE
COMMON MODE (L-G) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
CURRENT
FREQUENCY-MHz
TYPE
TYPE
RATING
.15
.50
1.0
5.0 10
30
RATING
.15
50
1.0
5.0
10
30
01ME2
1A
27
37
42
44
45
35
03ME3G
3A
20
25
30
38
40
40
01ME3/(S)
1A
25
35
40
40
40
40
03ME3GA
3A
20
23
30
40
40
40
02ME3G/(S)
2A
28
35
28
38
40
40
06ME2
6A
12
18
20
35
40
50
02ME3GA/(S)
2A
20
25
35
40
40
40
06ME3
6A
12
20
25
40
45
45
02ME4E1
2A
35
45
45
35
35
35
06ME3D
6A
10
20
20
30
35
40
02ME4E2
2.5/2A
30
40
40
35
35
40
06ME3DA
6A
8
10
15
30
30
40
02ME4/P
2A
35
45
45
35
35
35
06ME3G
6A
10
15
20
35
40
40
02MP1
2.5/2A
45
60
60
45
40
25
06ME3GA
6A
10
15
20
30
35
40
02MP2
2.5/2A
50
55
55
50
40
25
10ME3/(S)
10A
4
10
15
30
38
45
03ME2
3A
15
28
32
45
45
50
10ME3G/(S)
10A
4
10
13
28
35
40
03ME3
3A
22
30
35
45
45
48
15ME2
15A/10A
2
8
10
20
25
40
03ME3B
3A
12
20
28
40
40
40
15ME3/(S)
15A/10A
2
8
10
20
25
40
03ME3D
3A
18
28
39
48
48
55
03ME3DA
3A
15
25
30
40
40
45
03ME4/P
3A
30
40
40
35
35
35
ELECTRICAL SCHEMATIC
SERIES
1. Direct PC board mounting for easy installation and space saving.
2. ME2: UL.
ME3D:
ME3:
ME3G:
ME3B:
UL, CSA, VDE,
ME3DA/GA:
15ME2/ME3:
02ME4E2:
ME4/P: UL, CSA,TUV
SPECIFICATIONS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.20mA
0.45mA (02ME4E1)
@ 250VAC 50Hz: 0.40mA
0.80mA (02ME4E1)
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
Cy
ME4E2 ONLY
E
G
N
D
G'
N'
L
N
L
I
R
C1
L1
C2
Cy
L
O
A
L'
ME3DA/GA/ME2A ONLY
G
N
L
C1
Lg
I
N
E
R
L
L1
Cy
Cy
O
G'
A
D
N'
L
L'
MP1/MP2
L2: 1.0mH
02MP2
L1
L
R
G
I
N
N
E
C1
L
CY
CY
L2
C2
G'
O
A
D
N'
L
L'
3-1
PC BOARD MOUNTING FILTERS
INTRODUCTIONS
COMPONENTS
UL, CSA approved to 2.5A 115/250VAC
03ME3D/(S): 03ME3D, 03ME3D(S)
VDE, SEV, SEMKO approved to 10A/250VAC
*
*
*
*
*
PART NO.
C1 (uF) L1 (mH)
03ME3G-R/(S)
0.1
2.5
03ME4/P
0.47
15
06ME2
0.1
0.4
06ME3/(S)
0.033
0.6
06ME3D/(S)
0.047
0.53
06ME3DA/(S)
06ME3G/(S)
0.1
0.8
06ME3GA/(S)
06ME3G-R(S)
10ME2
0.1
0.1
10ME3/(S)
0.033
0.18
10ME3G/(S)
0.1
0.2
10ME3
15ME2
0.1
0.12
15ME3/(S)
PART NO.
C1 (uF) L1 (mH)
01ME2
0.1
3.7
01ME3/(S)
0.033
5
02ME3G/(S)
02ME3GA/(S)
0.1
7
02ME3G-R/(S)
02ME4E1
0.47
25
02ME4E2
25
02MP1
0.22
20
02MP2
25
03ME2
0.1
1.3
03ME2A
0.1
2.5
03ME3/(S)
0.033
2.3
03ME3G/(S)
2.5
03ME3GA/(S)
0.1
03ME3B
1.2
03ME3DA/(S)
0.047
1.2
03ME3D/(S)
D
V
E


Similar Part No. - 02MP2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
02M1201SPB3 VISHAY-02M1201SPB3 Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
02M1501JP VISHAY-02M1501JP Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
02M1503FF VISHAY-02M1503FF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
02M1503FF VISHAY-02M1503FF Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
02M1503FP VISHAY-02M1503FP Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
More results

Similar Description - 02MP2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
OMT202 OHMITE-OMT202 Datasheet
36Kb / 1P
PC Board Mounting Type
logo
Delta Electronics, Inc.
03MK2 DELTA-03MK2 Datasheet
122Kb / 1P
HIGH PERFORMANCE PC BOARD MOUNTING FILTERS
logo
List of Unclassifed Man...
SK-1013 ETC2-SK-1013 Datasheet
160Kb / 1P
PC BOARD AND SCREW MOUNTING
logo
HuaXinAn Electronics CO...
NT90T-C HUAXINAN-NT90T-C Datasheet
1Mb / 3P
PC board mounting and direct insert mounting available
NVF4-3A HUAXINAN-NVF4-3A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3C HUAXINAN-NVF4-3C Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3U HUAXINAN-NVF4-3U Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-4A HUAXINAN-NVF4-4A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-4C HUAXINAN-NVF4-4C Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available.
logo
Panasonic Semiconductor
AMG8854M01 PANASONIC-AMG8854M01 Datasheet
843Kb / 9P
PC board mounting
30-Sep-20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com