Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02MP2 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 02MP2
Description  PC BOARD MOUNTING FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

02MP2 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  02MP2 Datasheet HTML 1Page - Delta Electronics, Inc. 02MP2 Datasheet HTML 2Page - Delta Electronics, Inc. 02MP2 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL CONSTRUCTION
INSERTION LOSS (TYPICAL)
UNIT:
mm
INCH
ME2/ME2A
100K
10K
1M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
03ME3DA
06ME3DA
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
03ME4
02ME4
100K
10K
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
03ME3GA
06ME3GA
100K
10K
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
06ME3G
03ME3G
100K
10K
1M
10M
100K
10K
1M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
03ME3D
06ME3D
10M
100K
10K
1M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
06ME3
03ME3
20 dB
0 dB
40 dB
60 dB
80 dB
20 dB
0 dB
40 dB
60 dB
80 dB
20 dB
0 dB
40 dB
60 dB
80 dB
20 dB
0 dB
40 dB
60 dB
80 dB
20 dB
0 dB
40 dB
60 dB
80 dB
20 dB
0 dB
40 dB
60 dB
80 dB
10M
SUGGESTED MOUNTING CUTOUT
(MOUNTING DIMENSIONS OF SOCKET)
16.0 0.3
0.63
0.012
1.5(2X)
1.5X0.8
0.059(2X)
0.059X0.03
24.1
0.95
0.14(4X)
40.0 0.05
1.575 0.002
L
N
G
30.2
1.18
30.2
1.19
3.5(4X)
3-2
0.3 0.004
7.45 0.1
0.293 0.004
1.7(2X)
0.067(2X)
7.6 0.1
0.15
3.8
0.06X0.04
1.5X1.0
40.0 0.2
1.2 0.004
30.5 0.1
1.575 0.008
R0.234(4X)
R6.0(4X)
0.15(2X)
3.8(2X)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com