Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06EK3S/A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 06EK3S/A
Description  HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06EK3S/A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  06EK3S/A Datasheet HTML 1Page - Delta Electronics, Inc. 06EK3S/A Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03EK3
03EK3A
03EK3S
03EK3SA
03EK3B
03EK3BS
DELTA PART NO.
03EK3L
03EK3LS
06EK3
06EK3A
06EK3S
06EK3SA
10EK3
10EK3A
10EK3S
10EK3SA
DOUBLE
DOUBLE
SINGLE
SINGLE
FUSE
IEC CONNECTOR
DOUBLE POLE POWER SWITCH
VOLTAGE SELECTOR SW
ELECTRICAL SCHEMATIC
FIG.A
FIG.B
FIG.A
FIG.B
EK3A, EK3SA
FIG. B
G'
Lg
N
L
G
E
N
I
L
SW
C1
R
L
Cy
Cy
C2
FOR XXEK3SA (M)
D
A
O
L
F
4
3
2
1
110V
110V
FIG. A
G'
N
L
L
E
N
I
G
SW
C1
R
L
Cy
Cy
C2
FOR XXEK3S (M)
O
D
A
F
L
1
2
4
3
110V
110V
1. Power module incorporates an IEC connector, single or
double-fuse (IEC 5x20mm) holder,
optional voltage selector switch and double-pole power
switch, plus an EMI filter all-in-one easy-to-install unit.
2. Adapts to 100-120V or 200-240V input voltage by simply
reversing the fuse cartridge.
3. All part numbers are UL recognized, CSA certified and
VDE approved.
4. Switch electrical lifetime: 10,000 cycles.
Maximum inrush current: 70A.
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
0.4mA (4700pF)
@ 250VAC 50Hz: 0.45mA
0.8mA (4700pF)
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
4-10
SERIES
SPECIFICATIONS
ELECTRICAL SCHEMATIC
HIGH PERFORMANCE POWER ENTRY
MODULE EMI FILTERS
R: 1M
Lg: 400uH (EK3A, EK3SA only)
PART NO.
L (mH)
C1 (uF)
C2 (uF)
Cy (pF)
03EK3/A
8
0.22
0.1
3300
03EK3B/S
2.3
0.22
0.1
4700
03EK3L/S
13.77
0.47
0.22
4700
03EK3S/A
8
06EK3/A
2.5
06EK3S/A
0.22
0.1
3300
10EK3/A
1.6
10EK3S/A
D
V
E
COMPONENTS
UL, CSA & VDE approved current rating:
UL-10A both at 125VAC & 250VAC; CSA & VDE-6A at 250VAC.
UL, CSA & VDE approved current rating:
UL & CSA-10A both at 125VAC & 250VAC; VDE-10A at 250VAC.
TYPE & FEATURE
INTRODUCTIONS
D
V
E


Similar Part No. - 06EK3S/A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06EK3SM/AM DELTA-06EK3SM/AM Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
More results

Similar Description - 06EK3S/A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03IB2S DELTA-03IB2S Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06AE2 DELTA-06AE2 Datasheet
114Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AR2D DELTA-06AR2D Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06IB2D DELTA-06IB2D Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
AR-SERIES DELTA-AR-SERIES Datasheet
444Kb / 2P
POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com