Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06EK3S/A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 06EK3S/A
Description  HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06EK3S/A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  06EK3S/A Datasheet HTML 1Page - Delta Electronics, Inc. 06EK3S/A Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100K
0 dB
10K
03EK3
06EK3
60 dB
20 dB
40 dB
80 dB
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
80 dB
40 dB
60 dB
20 dB
0 dB
10K
100K
10EK3
10EK3A
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
4-11
INSERTION LOSS (TYPICAL)
MECHANICAL CONSTRUCTION
MINIMUM INSERTION LOSS IN dB
INCH
UNIT:
mm
2.37MAX.
60.2MAX.
1.14MAX.
29.0MAX.
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
R0.0984MAX.
R2.5MAX.
+0.02
M3(2X)
2.37-0
-
60.2 0
+0.5
2.58MAX.
65.5MAX.
0.13 0.3(2X)
3.3 0.3(2X)
3A
20
50
55
40
40
30
6A
5
40
50
40
40
40
10A
3
35
45
40
40
30
3A (A,SA)
20
50
50
50
45
30
6A (A,SA)
5
40
50
40
40
40
10A (A,SA)
3
35
45
45
40
30
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
3A
32
38
38
38
38
25
6A
20
30
35
40
40
30
10A
15
25
30
40
40
30
3A (A,SA)
30
40
40
40
45
25
6A (A,SA)
20
30
35
40
40
30
10A (A,SA) 20
25
30
45
45
30
COMMON MODE (L-G) IN 50 OHM SYSTEM
CSA approved 6A at 125/250 VAC; VDE-6A/250VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com