Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC855T
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855T Datasheet(HTML) 1 Page - Motorola, Inc

  MPC855T Datasheet HTML 1Page - Motorola, Inc MPC855T Datasheet HTML 2Page - Motorola, Inc MPC855T Datasheet HTML 3Page - Motorola, Inc MPC855T Datasheet HTML 4Page - Motorola, Inc MPC855T Datasheet HTML 5Page - Motorola, Inc MPC855T Datasheet HTML 6Page - Motorola, Inc MPC855T Datasheet HTML 7Page - Motorola, Inc MPC855T Datasheet HTML 8Page - Motorola, Inc MPC855T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
This document contains detailed information on power considerations, DC/AC
electrical characteristics, and AC timing specifications for the MPC860 family.
This document contains the following topics:
Topic
Page
Part I, “Overview”
1
Part II, “Features”
2
Part III, “Maximum Tolerated Ratings”
6
Part IV, “Thermal Characteristics”
7
Part V, “Power Dissipation”
8
Part VI, “DC Characteristics”
9
Part VII, “Thermal Calculation and Measurement”
10
Part VIII, “Layout Practices”
13
Part IX, “Bus Signal Timing”
13
Part X, “IEEE 1149.1 Electrical Specifications”
41
Part XI, “CPM Electrical Characteristics”
43
Part XII, “UTOPIA AC Electrical Specifications”
65
Part XIII, “FEC Electrical Characteristics”
66
Part XIV, “Mechanical Data and Ordering Information”
70
Part XV, “Document Revision History”
74
Part I Overview
The MPC860 Quad Integrated Communications Controller (PowerQUICC™)
is a versatile one-chip integrated microprocessor and peripheral combination
designed for a variety of controller applications. It particularly excels in both
communications and networking systems. The PowerQUICC unit is referred to
as the MPC860 in this manual.
The MPC860 is a derivative of Motorola’s MC68360 Quad Integrated
Communications Controller (QUICC™), referred to here as the QUICC, that
implements the PowerPC architecture. The CPU on the MPC860 is a 32-bit
Hardware Specification
MPC860EC/D
Rev. 6.1, 11/2002
MPC860 Family
Hardware Specifications


Similar Part No. - MPC855T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC855T MOTOROLA-MPC855T Datasheet
857Kb / 76P
Family Hardware Specifications
MPC855T MOTOROLA-MPC855T Datasheet
857Kb / 76P
Hardware Specification
logo
Freescale Semiconductor...
MPC855T FREESCALE-MPC855T Datasheet
1Mb / 80P
Hardware Specifications
MPC855T FREESCALE-MPC855T Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
logo
NXP Semiconductors
MPC855T NXP-MPC855T Datasheet
1Mb / 77P
MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results

Similar Description - MPC855T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com