Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT.500.B Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MAT.500.B
Description  Worldwide 4G Bands including 3G and 2G
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT.500.B Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MAT.500.B Datasheet HTML 1Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 2Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 3Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 4Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 5Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 6Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 7Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 8Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
SPE-17-8-002/A
Page 1 of 35
SPECIFICATION
Part No.
:
MAT.500.B
Product Name
:
MAT.500.B 5in1 Multi-Band Antenna Board
LTE MIMO + GPS/GLONASS +Wi-Fi MIMO
Features
:
2* LTE MIMO 698-960MHz/1710-2170MHz/
2490-2690MHz
2* Wi-Fi MIMO 2.4GHz/5GHz
1* GPS-GLONASS Antenna
Worldwide 4G Bands including 3G and 2G
Dims: 157.32mm*103.19mm*30mm
IPEX connectors, 1.37mm cables
RoHS Compliant


Similar Part No. - MAT.500.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
Worldwide 4G Bands including 3G and 2G
More results

Similar Description - MAT.500.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
Worldwide 4G Bands including 3G and 2G
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com