Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT.500.B Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MAT.500.B
Description  Worldwide 4G Bands including 3G and 2G
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT.500.B Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MAT.500.B Datasheet HTML 1Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 2Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 3Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 4Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 5Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 6Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 7Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 8Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
SPE-17-8-002/A
Page 2 of 35
1. Introduction
The MAT.500.B embedded antenna board combines LTE MIMO antennas, Wi-Fi MIMO
antennas, plus GPS/GLONASS antenna. It can be used as a reference design or actual
embedded antenna for telematics applications such as fleet management, asset
tracking, and security/surveillance.
The board comes with five IPEX connectors and 1.37mm coax cables for LTE, Wi-Fi,
and GPS/GLONASS antennas.
Typical applications:
- Automotive and Heavy Equipment Vehicle Tracking and Telematics
- Remote Asset and Pipeline Monitoring
- HD Video over LTE
- First Responder and Emergency Services
- Global Data Communications/IoT
LTE 4G applications demand high speed data uplink and downlink. High efficiency and
high gain MIMO antennas are necessary to achieve the required signal to noise ratio
and throughput required to solve these challenges. Taoglas also takes care to have
high isolation between the two MIMO antennas to prevent self-interference. Low loss
cables are used to keep efficiency high over long cable lengths.
The GPS-GLONASS passive antenna receives efficiently on all two bands, leading to
higher location accuracy and stability of tracking in urban environments.
The unique omnidirectional Wi-Fi antennas provide high efficiency and high isolation
between antenna elements in a heavy-duty low profile compact structure, delivering
powerful MIMO antenna technology for Wi-Fi 802.11n and emerging 802.11ac.
Cable length and connector types are customizable. Contact your regional Taoglas
sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com