Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2331LSLB Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2331LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLB Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2331LSLB Datasheet HTML 10Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 16Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 17Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Functional Description (Continued)
PROGRAMMABLE MODES
Several modes of operation can be programmed with bits R16–R20 including the phase detector polarity, charge pump
TRI-STATE and the output of the F
oLD pin. The prescaler and powerdown modes are selected with bits N19 and N20. The pro-
grammable modes are shown in
Table 1. Truth table for the programmable modes and F
oLD output are shown in Table 2 and
Table 3.
TABLE 1. Programmable Modes
C1
C2
R16
R17
R18
R19
R20
0
0
IF Phase
IF I
CPo
IF D
o
IF LD
IF F
o
Detector Polarity
TRI-STATE
0
1
RF Phase
RF I
CPo
RF D
o
RF LD
RF F
o
Detector Polarity
TRI-STATE
C1
C2
N19
N20
1
0
IF Prescaler
Pwdn IF
1
1
RF Prescaler
Pwdn RF
TABLE 2. Mode Select Truth Table
Phase Detector Polarity
D
o TRI-STATE
I
CPo
IF
2330L RF
2331L/32L RF
Pwdn
(Note 11)
(Note 9)
(Note 10)
Prescaler
Prescaler
Prescaler
(Note 9)
0
Negative
Normal Operation
LOW
8/9
32/33
64/65
Pwrd Up
1
Positive
TRI-STATE
HIGH
16/17
64/65
128/129
Pwrd Dn
Note 9: Refer to POWERDOWN OPERATION in Functional Description.
Note 10: The ICPo LOW current state = 1/4xICPo HIGH current.
Note 11: PHASE DETECTOR POLARITY
Depending upon VCO characteristics, R16 bit should be set accordingly: (see figure right)
When VCO characteristics are positive like (1), R16 should be set HIGH;
When VCO characteristics are negative like (2), R16 should be set LOW.
VCO Characteristics
DS012806-9
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com