Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2331LSLB Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2331LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLB Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2331LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 16Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 17Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 18Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 19Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 20Page - National Semiconductor (TI) LMX2331LSLB Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Typical Application Example
DS012806-12
Operational Notes:
*
VCO is assumed AC coupled.
**
RIN increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10Ω to 200Ω depending on the VCO
power level. fIN RF impedance ranges from 40Ω to 100Ω.fIN IF impedances are higher.
***
Adding RC filters to the VCC lines is recommended to reduce loop-to-loop noise coupling.
DS012806-13
Application Hints:
Proper use of grounds and bypass capacitors is essential to achieve a high level of performance. Crosstalk between pins can be reduced by careful
board layout.
This is an electrostatic sensitive device. It should be handled only at static free work stations.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com