Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2346 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2346 Datasheet HTML 9Page - National Semiconductor (TI) LMX2346 Datasheet HTML 10Page - National Semiconductor (TI) LMX2346 Datasheet HTML 11Page - National Semiconductor (TI) LMX2346 Datasheet HTML 12Page - National Semiconductor (TI) LMX2346 Datasheet HTML 13Page - National Semiconductor (TI) LMX2346 Datasheet HTML 14Page - National Semiconductor (TI) LMX2346 Datasheet HTML 15Page - National Semiconductor (TI) LMX2346 Datasheet HTML 16Page - National Semiconductor (TI) LMX2346 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LMX2346/7SLB F
IN IMPEDANCE
LMX2346/7SLB F
IN IMPEDANCE
V
CC = 3.0V (TA = 25˚C)
V
CC = 5.5V (TA = 25˚C)
F
IN
POWERED-UP
F
IN
POWERED-DOWN
F
IN
POWERED-UP
F
IN
POWERED-DOWN
F
IN
(MHz)
Real
ZF
IN
(
Ω)
Imaginary
ZF
IN
(
Ω)
|ZF
IN|
(
Ω)
Real
ZF
IN
(
Ω)
Imaginary
ZF
IN
(
Ω)
|ZF
IN|
(
Ω)
Real
ZF
IN
(
Ω)
Imaginary
ZF
IN
(
Ω)
|ZF
IN|
(
Ω)
Real
ZF
IN
(
Ω)
Imaginary
ZF
IN
(
Ω)
|ZF
IN|
(
Ω)
100
500
−270
568
490
−292
570
510
−270
577
492
−291
572
200
376
−256
455
365
−257
446
374
−253
452
377
−257
456
300
297
−246
386
297
−245
385
302
−245
389
300
−245
387
400
244
−234
338
245
−234
339
250
−234
342
249
−234
342
500
203
−217
297
198
−215
292
208
−218
301
207
−217
300
600
168
−198
260
168
−198
260
173
−199
264
173
−199
264
700
145
−180
231
145
−180
231
150
−182
236
148
−182
235
800
128
−163
207
129
−163
208
133
−166
213
131
−164
210
900
114
−153
191
113
−153
190
117
−154
193
116
−153
192
1000
100
−139
171
99
−140
171
103
−141
175
101
−140
173
1100
88
−125
153
88
−125
153
93
−128
158
90
−125
154
1200
80
−113
138
80
−113
138
83
−115
142
82
−114
140
1300
75
−100
125
75
−100
125
78
−102
128
76
−101
126
1400
76
−85
114
73
−84
111
79
−87
118
75
−88
116
1500
87
−83
120
85
−78
115
88
−85
122
84
−79
115
1600
80
−94
123
82
−93
124
82
−96
126
84
−92
125
1700
66
−91
112
66
−91
112
67
−92
114
69
−92
115
1800
57
−85
102
57
−84
102
59
−86
104
60
−86
105
1900
51
−79
94
51
−78
93
53
−80
96
53
−79
95
2000
46
−73
86
46
−71
85
48
−73
87
47
−73
87
2100
42
−67
79
42
−66
78
43
−68
80
43
−68
80
2200
39
−62
73
39
−62
73
41
−64
76
40
−63
75
2300
37
−58
69
37
−57
68
39
−60
72
38
−58
69
2400
35
−56
66
35
−55
65
37
−57
68
36
−56
67
2500
32
−55
64
31
−54
62
33
−57
66
32
−55
64
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com