Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2346 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2346 Datasheet HTML 1Page - National Semiconductor (TI) LMX2346 Datasheet HTML 2Page - National Semiconductor (TI) LMX2346 Datasheet HTML 3Page - National Semiconductor (TI) LMX2346 Datasheet HTML 4Page - National Semiconductor (TI) LMX2346 Datasheet HTML 5Page - National Semiconductor (TI) LMX2346 Datasheet HTML 6Page - National Semiconductor (TI) LMX2346 Datasheet HTML 7Page - National Semiconductor (TI) LMX2346 Datasheet HTML 8Page - National Semiconductor (TI) LMX2346 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Connection Diagrams
20038407
16-Pin Chip Scale Package
NS Package Number SLB16A
20038401
16-Pin TSSOP Package
NS Package Number MTC16
Pin Descriptions
Pin Name
Pin Number
I/O
Description
I/O Circuit Configuration
16-Pin
CSP
16-Pin
TSSOP
OSC
IN
15
1
I
Reference oscillator input. A CMOS
inverting gate input. The input has a
V
CC/2 input threshold and can be driven
from an external CMOS or TTL logic
gate.
V
P
1
3
— Charge Pump Power Supply. Must be
≥
V
CC.
V
CC
2
4
— Main Power Supply. V
CC may range from
2.7V to 5.5V. Bypass capacitors should
be placed as close as possible to this pin
and be connected directly to the ground
plane.
CP
o
3
5
O Charge Pump output. For connection to a
loop filter for driving the voltage control
input of an external VCO.
GND
4
6
— Ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com