Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9513 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # PCA9513
Description  Hot swappable IC and SMBus bus buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCA9513 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  PCA9513 Datasheet HTML 1Page - Integrated Circuit Systems PCA9513 Datasheet HTML 2Page - Integrated Circuit Systems PCA9513 Datasheet HTML 3Page - Integrated Circuit Systems PCA9513 Datasheet HTML 4Page - Integrated Circuit Systems PCA9513 Datasheet HTML 5Page - Integrated Circuit Systems PCA9513 Datasheet HTML 6Page - Integrated Circuit Systems PCA9513 Datasheet HTML 7Page - Integrated Circuit Systems PCA9513 Datasheet HTML 8Page - Integrated Circuit Systems PCA9513 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9513; PCA9514
Hot swappable I2C and SMBus bus buffer
2
2004 Oct 05
DESCRIPTION
The PCA9513 and PCA9514 are hot swappable I2C and SMBus
buffers that allows I/O card insertion into a live backplane without
corrupting the data and clock buses. Control circuitry prevents the
backplane from being connected to the card until a stop command
or bus idle occurs on the backplane without bus contention on the
card. When the connection is made, the PCA9511, PCA9513, and
PCA9514 provides bi-directional buffering, keeping the backplane
and card capacitances isolated.
Rise time accelerator circuitry allows the use of weaker DC pull-up
currents while still meeting rise time requirements. The PCA9513
and PCA9514 incorporate a digital ENABLE input pin, which
enables the device when asserted HIGH and forces the device into
a low current mode when asserted LOW, and an open-drain READY
output pin, which indicates that the backplane and card sides are
connected together (HIGH) or not (LOW).
The PCA9513 supplies a 92
µA current source to SCLIN and SDAIN
in lieu of using pull-up resistors for PICMG backplane applications.
Including the current source in the device provides for a consistent
RC time constant as cards are removed and inserted into the
backplane. The current source is high-impedance whenever the pin
voltage is greater than the part VCC.
PCA9513 and PCA9514 rise time accelerator threshold is 0.8 V to
provide improved noise margin over the PCA9510 and PCA9511.
The dynamic offset design of the PCA9510/11/12/13/14 I/O drivers
allow them to be connected to another PCA9510/11/12/13/14 device
in series or in parallel and to the A side of the PCA9517. The
PCA9510/11/12/13/14 can not connect to the static offset I/Os used
on the PCA9515/15A/16/16A/17 B side and PCA9518.
APPLICATION
• cPCI, VME, AdvancedTCA cards and other multi-point backplane
cards that are required to be inserted or removed from an
operating system.
FEATURES
• Bi-directional buffer for SDA and SCL lines increases fanout and
prevents SDA and SCL corruption during live board insertion and
removal from multi-point backplane systems
• Compatible with I2C standard mode, I2C fast mode, and SMBus
standards
• ∆V/∆t rise time accelerators on all SDA and SCL lines
• Rise time accelerator threshold moved from 0.6 V to 0.8 V for
improved noise margin
• Active HIGH ENABLE input
• Active HIGH READY open-drain output
• High-impedance SDA and SCL pins for V
CC = 0 V
• 92 µA current source on SCLIN and SDAIN for PICMG backplane
applications (PCA9513 only)
• Supports clock stretching and multiple master
arbitration/synchronization
• Operating power supply voltage range: 2.7 V to 5.5 V
• 5.5 V tolerant I/Os
• 0 kHz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO8, TSSOP8 (MSOP8)
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-pin plastic SO
–40
°C to +85 °C
PCA9513D
PCA9513
SOT96-1
8-pin plastic SO
–40
°C to +85 °C
PCA9514D
PCA9514
SOT96-1
8-pin plastic TSSOP (MSOP)
–40
°C to +85 °C
PCA9513DP
9513
SOT505-1
8-pin plastic TSSOP (MSOP)
–40
°C to +85 °C
PCA9514DP
9514
SOT505-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com