Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9513 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # PCA9513
Description  Hot swappable IC and SMBus bus buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCA9513 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  PCA9513 Datasheet HTML 1Page - Integrated Circuit Systems PCA9513 Datasheet HTML 2Page - Integrated Circuit Systems PCA9513 Datasheet HTML 3Page - Integrated Circuit Systems PCA9513 Datasheet HTML 4Page - Integrated Circuit Systems PCA9513 Datasheet HTML 5Page - Integrated Circuit Systems PCA9513 Datasheet HTML 6Page - Integrated Circuit Systems PCA9513 Datasheet HTML 7Page - Integrated Circuit Systems PCA9513 Datasheet HTML 8Page - Integrated Circuit Systems PCA9513 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9513; PCA9514
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
5
TYPICAL APPLICATION — PCA9514
SCLOUT
SDAOUT
R4
10 k
Ω
R3
10 k
Ω
R2
10 k
Ω
R1
10 k
Ω
C1
0.01
µF
SCLIN
SDAIN
VCC
(2.7 V to
5.5 V)
6
3
1
ENABLE
READY
GND
7
2
5
8
SW02160
4
R5
10 k
Ω
ENABLE
Figure 4. Typical application — PCA9514
BLOCK DIAGRAM — PCA9514
0.55VCC/
0.45VCC
2
SCLOUT
0.5 pF
RD
S
QB
UVLO
20 pF
STOP BIT AND
BUS IDLE
130
µs
DELAY
0.5
µA
1
ENABLE
UVLO
0.55VCC/
0.45VCC
CONNECT
2 mA
SLEW RATE
DETECTOR
BACKPLANE-TO-CARD
CONNECTION
2 mA
SLEW RATE
DETECTOR
CONNECT
3
SCLIN
CONNECT
5
READY
4
GND
SW02161
CONNECT
7
SDAOUT
2 mA
SLEW RATE
DETECTOR
BACKPLANE-TO-CARD
CONNECTION
2 mA
SLEW RATE
DETECTOR
6
SDAIN
8
VCC
CONNECT
CONNECT
PCA9514
Figure 5. Block diagram — PCA9514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com