Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2350 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2350 Datasheet HTML 9Page - National Semiconductor (TI) LMX2350 Datasheet HTML 10Page - National Semiconductor (TI) LMX2350 Datasheet HTML 11Page - National Semiconductor (TI) LMX2350 Datasheet HTML 12Page - National Semiconductor (TI) LMX2350 Datasheet HTML 13Page - National Semiconductor (TI) LMX2350 Datasheet HTML 14Page - National Semiconductor (TI) LMX2350 Datasheet HTML 15Page - National Semiconductor (TI) LMX2350 Datasheet HTML 16Page - National Semiconductor (TI) LMX2350 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Programming Description (Continued)
3.1.3 15-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
(IF_R[2]-[16])
IF_R_CNTR/RF_R_CNTR
Divide Ratio
14
13
12
11
109876543210
3
00000
0000000011
4
00000
0000000100
-
-----
----------
32,767
11111
1111111111
Notes: Divide ratio: 3 to 32,767 (Divide ratios less than 3 are prohibited).
RF_R_CNTR/IF_R_CNTR These bits select the divide ratio of the programmable reference dividers.
3.1.4 IF_CP_WORD
(IF_R[17]-[18])
IF_CP_WORD
(IF_R [17] - [18] )
CP_GAIN_8
IF_PD_POL
BIT
LOCATION
FUNCTION
0
1
CP_GAIN_8
IF_R [18]
IF Charge Pump Current Gain
1X
8X
IF_PD_POL
IF_R [17]
IF Phase Detector Polarity
Negative
Positive
CP_GAIN_8 is used to toggle the IF charge pump current magnitude between 1x mode (100 uA typ) and 8x mode (800uA typ).
IF_PD_POL is set to one when IF VCO characteristics are positive. When IF VCO frequency decreases with increasing control
voltage IF_PD_POL should set to zero.
3.1.5 FoLD* Programming Truth Table
(IF_R[19]-[21])
FoLD
Fo/LD OUTPUT STATE
0 0 0
IF and RF Analog Lock Detect (Open Drain)
1 0 0
IF Digital Lock Detect
0 1 0
RF Digital Lock Detect
1 1 0
IF and RF Digital Lock Detect
0 0 1
IF R counter
1 0 1
IF N counter
0 1 1
RF R counter
1 1 1
RF N counter
*FoLD - Fout/Lock Detect PROGRAMMING BITS
3.2 RF_R Register
If the Control Bits (CTL [1:0]) are 1 0, data is transferred from the 24-bit shift register into the RF_R register latch which sets the
RF PLL 15-bit R counter divide ratio. The divide ratio is programmed using the RF_R_CNTR word as shown in table 3.1.3. The
divide ratio must be
≥ 3. The bits used to control the voltage doubler (V2_EN) and RF Charge Pump (RF_CP_WORD) are
detailed in 3.2.2.
MSB
LSB
DLL_MODE
V2_EN
RF_CP_WORD [4:0]
RF_R_CNTR [14:0]
1
0
23
22
21
17
16
2
1
0
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com