Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2350 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2350 Datasheet HTML 1Page - National Semiconductor (TI) LMX2350 Datasheet HTML 2Page - National Semiconductor (TI) LMX2350 Datasheet HTML 3Page - National Semiconductor (TI) LMX2350 Datasheet HTML 4Page - National Semiconductor (TI) LMX2350 Datasheet HTML 5Page - National Semiconductor (TI) LMX2350 Datasheet HTML 6Page - National Semiconductor (TI) LMX2350 Datasheet HTML 7Page - National Semiconductor (TI) LMX2350 Datasheet HTML 8Page - National Semiconductor (TI) LMX2350 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Connection Diagrams
Pin Descriptions
Pin No.
for CSP
Package
Pin No.
for
TSSOP
package
Pin Name
I/O
Description
24
1
OUT0
O
Programmable CMOS output. Level of the output is controlled by IF_N [17] bit.
1
2
Vcc
RF
-
RF PLL power supply voltage input. Must be equal to Vcc
IF. May range from 2.7 V to
5.5 V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
23
V
pRF
-
Power supply for RF charge pump. Must be
≥V
ccRF and VccIF.
34
CP
oRF
O
RF charge pump output. Connected to a loop filter for driving the control input of an
external VCO.
4
5
GND
-
Ground for RF PLL digital circuitry.
5
6
fin RF
I
RF prescaler input. Small signal input from the VCO.
6
7
fin RF
I
RF prescaler complimentary input. A bypass capacitor should be placed as close as
possible to this pin and be connected directly to the ground plane.
7
8
GND
-
Ground for RF PLL analog circuitry.
8
9
OSCx
I/O
Dual mode oscillator output or RF R counter input. Has a Vcc/2 input threshold when
configured as an input and can be driven from an external CMOS or TTL logic gate.
Can also be configured as an output to work in conjunction with OSCin to form a
crystal oscillator. (See functional description 1.1 and programming description 3.1.)
DS100831-2
Order Number LMX2350TM or LMX2352TM
NS Package Number MTC24
DS100831-22
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com