Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP2010 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFSP2010
Description  2.4-2.5 GHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2010 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFSP2010 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2010 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2010 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2010 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
05/2003
Preliminary
RFSP2010
2.4–2.5 GHz Power Amplifier
Applications
802.11b/g WLAN
2.4 GHz ISM band wireless equipment
RF
Functional Block Diagram
Product Description
The RFSP2010 power amplifier is a high-
performance GaAs HBT IC designed for use in
transmit applications in the 2.4-2.5 GHz frequency
band. With a P1dB of 25 dBm, the device is ideal
as a final stage for wireless LAN applications
requiring high transmit linearity. Designed with
propriety linearizing techniques, the part is
operable closer to P-1dB, which enables the device
to achieve a specific error vector magnitude
(EVM) with less backoff. The PA exhibits
unparalleled linearity and efficiency for both
802.11b- and 802.11g-based WLAN systems. The
part operates off a single +3.3V supply.
1
2
3
10
11
12
9
8
7
6
5
4
NC
VCC2
IN
RF OUT
GND
GND
Bias
Bias
Output
Match
Input
Match
Product Features
•
•
•
•
•
•
•
•
•
25 dBm P1dB@3.3V
21.5 dB gain
1.5 % EVM @ POUT = +18 dBm
with 54 Mbps OFDM signal
95 mA @ POUT = +18 dBm
with 54 Mbps OFDM signal
Single +3.3V supply voltage
PA power on/off logic
Input and output matched to 50 ohms
1.00
0.80
3.00
3x3 mm Package Outline
3.00
Index Area
0.05
4
0.275
0.45
Pin 1
1. All d
ensions are in millimeters, angles in
im
degrees.
0.225
0.35
12
2. The terminal #1 identifier and pad
1
numbering conventi
shall conform to
on
JESD 95-1 SPP-012
0.50 TYP
3. Lead coplanarity: 0.05 max.
4. Dimension applies to metalized pad and is
measur
between 0.25 and 0.30 MM from
ed
pad tip.
1.00
1.80 SQ
Top View
Side View
Bottom View


Similar Part No. - RFSP2010

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP2023RS28P0 ANADIGICS-RFSP2023RS28P0 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP2023RS28P6 ANADIGICS-RFSP2023RS28P6 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP2023RS28Q1 ANADIGICS-RFSP2023RS28Q1 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
More results

Similar Description - RFSP2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
2.4-2.5 GHz WLAN Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
Skyworks Solutions Inc.
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com