Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-4 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # XP-4
Description  400 Series Plug-In Thermal Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

XP-4 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  XP-4 Datasheet HTML 1Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2011 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0205-009 • 3/11 • #2651
Accessories
Ordering Information
Part No.
Description
5451
Fixed heat detector with rate-of-rise. Alarm point at 57.2°C (135°F). Must be mounted to one of the 400 Series Bases listed in Mounting Base
Guide.
Accessories
RA100Z
Remote annunciator for 2- or 4-wire systems, 3 to 32 V. Use with ion and photo plug-in detectors. Fits standard U.S. single-gang electrical box.
MOD400R
Detector sensitivity test tool. (See above.) Use with most analog or digital multimeters. Satisfies requirement of NFPA 72 for sensitivity testing.
(See above.)
EOLR-1
End of line relay for power supervision, 12/24 VDC, 4-wire only.
DUST45
Replacement protective dust cover for plug-in 400 Series.
M02-04-01
Test magnet.
M02-09-00
Test magnet with 32-inch telescoping handle.
XR5
Detector removal tool. Allows installation and/or removal of detector heads from base in high-ceiling installations.
XP-4
Extension pole for XR5. Comes in three 5 ft. sections.
The MOD400R Field Sensitivity
Test Module can be used with
any standard DC voltmeter or
multimeter to check the sensitivity
range of System Sensor’s detectors
(satisfies NFPA 72 requirement for
sensitivity testing).
Wiring
1
2
3
4
(+)
(–)
(–)
(+)
(–)
1
2
3
4
(–)
(+)
(+)
EOL
RESISTOR
(+)
(–)
(–)
(+)
(–)
OPTIONAL
OPTIONAL
RA400Z/
RA100Z
OPTIONAL FAULT TOLERANT WIRING
RA400Z/
RA100Z
B401
400 Series Plug-In Smoke Detector Specifications
Physical/Operating Specifications
Size
3.2˝ (8.1 cm) H; 4.0˝ (10.2 cm) Dia., unflanged base; 6.2˝ (15.7 cm) Dia., flanged base
Weight
0.3 lb (136 g)
Operating Temperature Range
32°F to 100°F (0°C to 38°C)
Humidity Range
10% to 93% RH non-condensing
Construction
Flame retardant Noryl® plastic
Alarm Point
135°F (57.2°C) or 15°F/min rate-of-rise
Smoke Detector Spacing
On smooth ceilings (as defined in NFPA 72), spacing of 50 feet (2500 sq ft) may be used. Other spacing may be used
depending on ceiling height, high air movements, and other conditions or response requirements.
Standby Current
100 µA maximum
Operating Voltage/Alarm Current
Mounting base dependent (see Mounting Base Selection Guide below)
Mounting Base Selection Guide
Base Model Number
Version
Loop
Type
Current
Limit Resistor
Alarm
Contact Type
Nominal
Voltage
Current Draw
on Alarm (mA)
B401
UL/EN-54
2-wire*
No
12/24 VDC††
10 to 100**
*Functionality contingent on panel compatibility.
**Must be limited by control panel.
Flangeless base
†† Although B401 bases are capable
of operating at 12 and 24 VDC, they
cannot be used with the 5451 in 12
V applications.
Junction Box Selection Guide*
Single Gang
3.5”Octagon
4”Octagon
4”Square
50 mm
60 mm
75 mm
B401
No
No
No
No
Yes
Yes
No
*Box depth contingent on base and wire size. Refer to National Electrical Code of local applicable codes for appropriate recommendations.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com