Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-4 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # XP-4
Description  400 Series Plug-In Thermal Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

XP-4 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  XP-4 Datasheet HTML 1Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
400 Series Plug-In
Thermal Detectors
System Sensor 400 Series plug-in thermal detectors
meet the performance criteria designated by
Underwriters Laboratories.
Features
• Low standby current
• Two visible LEDs “blink” in standby and provide a 360° field
viewing angle
• Wide variety of mounting bases with built-in shorting spring
• Detector head plugs easily into base
• Built-in test switch
• Field sensitivity metering of detector to meet the requirements
of NFPA 72
• Built-in tamper-resistant feature
• SEMS screws for easy wiring
• Optional recessed mounting
The 5451 thermal detector meets the needs for applications
where rapid response is vital and rapid temperature increases would
only be caused by a fire emergency.
This detector contains a unique dual thermistor heat sensing circuit
that provides maximum performance and solid-state reliability. It
initiates an alarm in response to both rapid rate-of-rise conditions
(increases in excess of 15°F per minute) and fixed heat (135°F). This
enables the heat detector to communicate an alarm to the central
control panel prior to reaching its fixed set point for high rates of
rise, providing a timely response to both rapid and slow temperature
increases.
Additional key features include a recessed mounting option, a variety
of mounting bases, and a full line of optional accessories.
S2101
OB3AO.AY
7270-1653:104


Similar Part No. - XP-4

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
XP-4 SYSTEMSENSOR-XP-4 Datasheet
481Kb / 2P
SMOKE DETECTORS
XP-4 SYSTEMSENSOR-XP-4 Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
XP-4 SYSTEMSENSOR-XP-4 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - XP-4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
Voltage Detectors ( Delay Circuit Built-In)
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
Voltage Detectors, Delay Circuit Built-In
logo
Systemsensor advanced i...
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
Low-Profile Plug-in Smoke Detectors
2251B SYSTEMSENSOR-2251B Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
1151 SYSTEMSENSOR-1151 Datasheet
87Kb / 4P
Low Profile Ionization Plug-in Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
logo
Systemsensor advanced i...
SPDS106 SYSTEMSENSOR-SPDS106 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com