Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2326 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2326
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2326 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2326 Datasheet HTML 1Page - National Semiconductor (TI) LM2326 Datasheet HTML 2Page - National Semiconductor (TI) LM2326 Datasheet HTML 3Page - National Semiconductor (TI) LM2326 Datasheet HTML 4Page - National Semiconductor (TI) LM2326 Datasheet HTML 5Page - National Semiconductor (TI) LM2326 Datasheet HTML 6Page - National Semiconductor (TI) LM2326 Datasheet HTML 7Page - National Semiconductor (TI) LM2326 Datasheet HTML 8Page - National Semiconductor (TI) LM2326 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Charge Pump Current Specification Definitions
I1 = CP sink current at V
CPo =Vp–∆V
I2 = CP sink current at V
CPo =Vp/2
I3 = CP sink current at V
CPo = ∆V
I4 = CP source current at V
CPo =Vp–∆V
I5 = CP source current at V
CPo =Vp/2
I6 = CP source current at V
CPo = ∆V
∆V = Voltage offset from positive and negative rails. Dependent on VCO tuning range relative to V
CC and ground. Typical values
are between 0.5V and 1.0V
1.
ICP
o vs VCPo = Charge Pump Output Current magnitude variation vs Voltage =
[1⁄2 * { |I1| − |I3|}]/[1⁄2 * {|I1| + |I3|}] * 100% and [1⁄2 * {|I4| − |I6|}]/[1⁄2 * {|I4| + |I6|}] * 100%
2.
ICP
o-sink vs ICPo–source = Charge Pump Output Current Sink vs Source Mismatch =
[|I2| − |I5|]/[1⁄2 * {|I2| + |I5|}] * 100%
3.
ICP
o vs T = Charge Pump Output Current magnitude variation vs Temperature =
[|I2 @ temp| − |I2 @ 25˚C|]/|I2 @ 25˚C| * 100% and [|I5 @ temp| − |I5 @ 25˚C|]/|I5 @ 25˚C| * 100%
DS100127-3
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com