Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2326 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2326
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2326 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2326 Datasheet HTML 3Page - National Semiconductor (TI) LM2326 Datasheet HTML 4Page - National Semiconductor (TI) LM2326 Datasheet HTML 5Page - National Semiconductor (TI) LM2326 Datasheet HTML 6Page - National Semiconductor (TI) LM2326 Datasheet HTML 7Page - National Semiconductor (TI) LM2326 Datasheet HTML 8Page - National Semiconductor (TI) LM2326 Datasheet HTML 9Page - National Semiconductor (TI) LM2326 Datasheet HTML 10Page - National Semiconductor (TI) LM2326 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1.0 Functional Description
The simplified block diagram below shows the 21-bit data register, a 14-bit R Counter, an 18-bit N Counter, and a 18-bit Function
Latch (intermediate latches are not shown). The data stream is shifted (on the rising edge of LE) into the DATA input, MSB first.
The last two bits are the Control Bits. The DATA is transferred into the counters as follows:
Control
DATA Location
C1
C2
0
0
R Counter
1
0
N Counter
0
1
Function Latch
1
1
Initialization
1.1 PROGRAMMABLEREFERENCE DIVIDER
If the Control Bits are [C
1,C2] = [0,0], data is transferred from the 21-bit shift register into a latch that sets the 14-bit R Counter.
The 4 bits R15–R18 are for test modes, and should be set to 0 for normal use. The LD precision bit, R19, is described in the
LOCK DETECT OUTPUT CHARACTERISTICS section. Serial data format is shown below.
1.1.1 14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
Divide
RRRRR
RRRRRRRRR
Ratio
14
13
12
11
10
987654321
3
00000
000000011
4
00000
000000100
•
•••••
•••••••••
16383
11111
111111111
Notes: Divide ratios less than 3 are prohibited.
Divide ratio: 3 to 16383
R1 to R14: These bits select the divide ratio of the programmable reference divider.
DS100127-4
DS100127-5
Note: R15 to R18 are test modes and should be zero for normal operation.
Data is shifted in MSB first.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com