Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-4 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # XP-4
Description  500 Series Intelligent Sensors with Integral Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

XP-4 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  XP-4 Datasheet HTML 1Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 2Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 3Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-228-01
1551B with
6
″ base
2551THR with
4
″ base
1551B
The 1551B Intelligent Ionization Smoke Sensor’s unique
unipolar chamber responds quickly and uniformly to the
broadest range of fires and can withstand wind gusts up to
1500 feet-per-minute without outputting an alarm level
signal. Because of the unipolar chamber, the 1551B is
more responsive than most ionization sensors. This makes
it a more stable detector.
Specifications – 1551B
Dimensions
Height:
2.3
″ (5.8 cm), detector in base
Diameter:
4.0
″ (10.2 cm)
installed in B501 base
6.1
″ (15.5 cm)
installed in B501B base
Shipping Weight:
9.5 ounces (269 g)
Temperature Range:
32
° to 120°F (0° to 49°C)
Humidity Range:
10% to 93% RH noncondensing
Air Velocity Rating:
1,500 fpm
Operating Voltage:
15–32 VDC peak, 6.5 mA
current for visible LEDs
latched on
Standby Current:
200
µA
Sensor:
Unipolar, dual chamber
Smoke Detector Spacing:
On smooth ceilings (as defined in NFPA 72) spacing of
30 feet (900 sq. ft.) may be used as a guide. See NFPA
72 for more details on spacing requirements.
2551HR/2551THR
The 2551HR Intelligent Photoelectronic Sensor represents
the state of the art in smoke sensor technology. It features
fully coated circuit boards, special insect and dirt
protection and superior RF/transient protection. The
sensor will transmit an analog value representative of the
sensitivity that can be used by the system to determine
when maintenance is required. Signal processing for alarm
verification can be built into the system to provide
immunity to false alarms.
The 2551THR Intelligent Photoelectronic Sensor adds a
thermal heat collector that will alarm at a fixed
temperature of 135
°F.
General Description
All 500 Series sensors are simple to install, service, and
maintain. Using a specially designed tool (XR5),
maintenance personnel can easily remove and replace the
plug-in detectors without using a ladder. 500 Series
sensors incorporate built-in identification allowing the
system to identify the type of sensor. They also have a
built-in magnetic reed switch for local testing, and the
1551B, 2551HR, and 2551THR can be sensitivity tested
with the MOD400R Field Sensitivity Test Tool.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com