Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-4 Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # XP-4
Description  500 Series Intelligent Sensors with Integral Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

XP-4 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  XP-4 Datasheet HTML 1Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 2Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 3Page - Systemsensor advanced ideas. XP-4 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
A05-228-01
5551R with
6
″ base
5551B/5551R
The 5551B Intelligent Thermal Sensor’s unique dual
thermistor sensor will alarm at a fixed temperature of
135
°F.
The 5551R Intelligent Thermal Sensor will alarm at
135
°F and at an increase in excess of 15° per minute. This
enables the heat detector to communicate an alarm to the
central control panel prior to reaching the static set point,
providing a timely response to rapid temperature
increases.
Specifications – 5551B, 5551R
Dimensions
Height:
2.1
″ (5.3 cm) detector in base
Diameter:
4.0
″ (10.2 cm)
installed in B501 base
6.1
″ (15.5 cm)
installed in B501B base
Shipping Weight:
0.3 lbs. (150 g)
Temperature Range:
32
° to 100°F (0° to 38°C)
Humidity Range:
10% to 93% RH noncondensing
Sensitivity
5551B:
135
°F fixed temperature alarm
5551R:
135
°F fixed temperature or
15
° rise per minute
Operating Voltage:
15–32 VDC peak, 6.5 mA
current for visible LEDs latched on
Standby Current:
200
µA
Sensor:
Electronic, dual thermistors
Thermal Sensor Spacing:
UL listed to 50 ft. spacing. Other spacing may be used
depending on ceiling height and other conditions. See
NFPA 72 for more details on spacing requirements.
3
2
1
3
2
1
3
2
1
+
-
-
+
CLASS A OPTIONAL WIRING
REMOTE ANNUNCIATOR
+-
CAUTION: Do not loop wire under terminal 1 or 2.
Break wire run to provide supervision of connections.
500 Series Base
Wiring Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com