Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VA2 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # VA2
Description  9.3X8.5mm VCXO OSCILLATOR, HCMOS, 5.0 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VA2 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  VA2 Datasheet HTML 1Page - Raltron Electronics Corporation VA2 Datasheet HTML 2Page - Raltron Electronics Corporation VA2 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VCXO
Page 1 of 3
RALTRON ELECTRONICS CORP.
§ 10651 N.W. 19
th St § Miami, Florida 33172 § U.S.A.
phone: (305) 593-6033
§ fax: (305) 594-3973 § e-mail: sales@raltron.com § WEB: http://www.raltron.com
VA2 SERIES: 9.3X8.5mm VCXO OSCILLATOR, HCMOS, +5.0 VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable, voltage controlled oscillator, adhering to HCMOS
Standards. The output can be Tri-stated to facilitate testing or combined multipl e clocks. This oscillator is ideal for
today's automated assembly environments.
APPLICATIONS AND FEATURES:
Ø Common Frequencies: 16.384 MHz; 19.44 MHz; 27 MHz; 38.88 MHz; 51.84 MHz; 77.76 MHz
Ø +5.0 VDC HCMOS
Ø Frequency Range from 1 to 100 MHz
n ELECTRICAL PARAMETERS:
PARAMETER
SYMBOL
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
1.000 ~ 100.000
MHz
Supply Voltage
Vcc
+5.0
±5%
VDC
Supply Current
Is
35.0 MAX
mA
Output Logic Type
HCMOS
Load
Connected from output to ground
15
pF
Output Voltage Levels
Voh
Vol
0.9 * Vcc MIN
0.1 * Vcc MAX
VDC
VDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to
55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
6.0 MAX
*2
ns
Jitter
J
RMS, Fj = 12 kHz…20 MHz
1 TYP
ps
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
*3
ppm
Control Voltage Range
VC
Positive slope; 10% linearity MAX
0 to +5.0
VDC
Settability
Vfo
+2.5
± 0.5
VDC
Absolute Pull Range
APR
Minimum guaranteed freq. pull over
∆f/fc
See Part Numbering
ppm
Input Impedance
Zin
10 MIN
k
Ω
Modulation Bandwidth
BW
-3 dB
10 MIN
kHz
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC
Absolute voltage range
Vcc(abs)
Non-Destructive
-0.5…+7.0
VDC
*1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25
±3°C
*2 Frequency Dependent
*3 Not All APR’s Available With All Temperature Ranges—Please Consult Factory For Availability
n ENVIRONMENTAL PARAMETERS:
PARAMETER
SYMBOL
TESTCONDITIONS
*1
VALUE
UNIT
Operating temperature range
Ta
SEE PART NUMBER TABLE
°C
Storage temperature range
T(stg)
-55…+90
°C
n PART NUMBERING SYSTEM:
SERIES
SYMMETRY
TEMPERATURE
RANGE (°C)
APR
(ppml)
FREQUENCY
(MHz)
VA2: VCXO
with HCMOS
Output
A: 40/60 to 60/40%
T: 45/55 to 55/45%
R: 0…+50
S: 0…+70
U: -20…+70
W: 0….+85
V: -40…+85
F:
±32 ppm
H:
±50 ppm
K: ±70PPM
G:
±80 ppm
J:
±100 ppm
L: ±130 ppm
1.000…100.000
EXAMPLE: VA2ASH-38.880
VCXO Oscillator, 9.3X8.5mm Package, +5.0 VDC Supply Voltage, HCMOS Output, Standard Symmetry, 0…+70
°C Operating
Temperature Range,
±50 ppm APR, 38.880 MHz


Similar Part No. - VA2

ManufacturerPart #DatasheetDescription
logo
France Joint
VA2 FRANCEJOINT-VA2 Datasheet
415Kb / 4P
STANDARD SHAFT SEALS
logo
Herga Technology
VA2 HERGA-VA2 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
VA2-03 HERGA-VA2-03 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
VA2-06 HERGA-VA2-06 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
VA2-10 HERGA-VA2-10 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
More results

Similar Description - VA2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV3 MTRONPTI-MV3 Datasheet
267Kb / 2P
5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS_07 Datasheet
430Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
logo
Raltron Electronics Cor...
VA4 RALTRON-VA4 Datasheet
196Kb / 3P
9.3X8.5mm VCXO OSCILLATOR, HCMOS, 3.3 VDC
VS2 RALTRON-VS2 Datasheet
33Kb / 2P
VCXO OSCILLATOR, HCMOS, 5.0 VDC, 7x5mm Package
VSY RALTRON-VSY Datasheet
56Kb / 3P
VCXO OSCILLATOR, HCMOS, 2.5 VDC, 7x5mm Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com