Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VA2 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # VA2
Description  9.3X8.5mm VCXO OSCILLATOR, HCMOS, 5.0 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VA2 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  VA2 Datasheet HTML 1Page - Raltron Electronics Corporation VA2 Datasheet HTML 2Page - Raltron Electronics Corporation VA2 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCXO
Page 2 of 3
RALTRON ELECTRONICS CORP.
§ 10651 N.W. 19
th St § Miami, Florida 33172 § U.S.A.
phone: (305) 593-6033
§ fax: (305) 594-3973 § e-mail: sales@raltron.com § WEB: http://www.raltron.com
Please consult the factory for any custom requirements.
n MECHANICAL PARAMETERS:
OUTLINE TOLERANCE:
±0.006” / 0.15mm
(Unless otherwise specified)
PIN FUNCTIONS:
[1] VOLTAGE CONTROL
[2] ENABLE / DISABLE
[3] CASE GROUND
[4] OUTPUT
[5] NO CONNECT
[6] SUPPLY VOLTAGE
MARKING:
TBD
*0.01
µF external by-pass
filter is recommended as seen on solder pattern.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com