Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS16WS
Description  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16WS Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS16WS Datasheet HTML 1Page - Vishay Siliconix BAS16WS Datasheet HTML 2Page - Vishay Siliconix BAS16WS Datasheet HTML 3Page - Vishay Siliconix BAS16WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS16WS
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 14-Oct-16
1
Document Number: 85752
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Fast Switching Diode
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes/options:
18/10K per 13
" reel (8 mm tape), 10K/box
08/3K per 7
" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast switching diode
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101
qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
BAS16WS
BAS16WS-E3-08 or BAS16WS-E3-18
BAS16WS-HE3-08 or BAS16WS-HE3-18
Single diode
A6
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
75
V
Repetitive peak reverse voltage
VRRM
100
V
Forward current (continuous)
IF
250
mA
Non-repetitive peak forward current
t = 1 μs
IFSM
2A
t = 1 ms
IFSM
1A
t = 1 s
IFSM
0.5
A
Power dissipation
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
RthJA
650
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
SynSemi, Inc.
BAS16WS SYNSEMI-BAS16WS Datasheet
38Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
Small Signal Fast Switching Diode
06-Apr-05
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
Small Signal Fast Switching Diode
04-Sep-06
logo
SynSemi, Inc.
1N4148WS SYNSEMI-1N4148WS Datasheet
86Kb / 3P
SMALL SIGNAL FAST SWITCHING DIODE
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
Small Signal Fast Switching Diode
logo
Vishay Siliconix
LL4150 VISHAY-LL4150_12 Datasheet
58Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LL4151 VISHAY-LL4151_12 Datasheet
59Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LS4150 VISHAY-LS4150_12 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
Small Signal Fast Switching Diode
09-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com