Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS16WS
Description  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16WS Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS16WS Datasheet HTML 1Page - Vishay Siliconix BAS16WS Datasheet HTML 2Page - Vishay Siliconix BAS16WS Datasheet HTML 3Page - Vishay Siliconix BAS16WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS16WS
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 14-Oct-16
2
Document Number: 85752
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Characteristics
Fig. 2 - Dynamic Forward Resistance vs. Forward Current
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Relative Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 150 mA
VF
1.250
V
IF = 1 mA
VF
0.715
V
IF = 10 mA
VF
0.855
V
IF = 50 mA
VF
1V
Leakage current
VR = 75 V
IR
1000
nA
VR = 25 V, TJ = 150 °C
IR
30
μA
VR = 75 V, TJ = 150 °C
IR
50
μA
Diode capacitance
VR = 0, f = 1 MHz
CD
2pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
iR = 1 mA, RL = 100 
trr
6ns
18105
VF (V)
T
j = 100 °C
T
j = 25 °C
10- 2
10- 1
102
103
1
10
12
0
17438
f = 1 kHz
T
j = 25 °C
IF (mA)
10
10
2
10
3
10
4
10
-2
10
-1
110
2
10
2
5
2
5
2
5
2
5
18185
Tamb (°C)
0
100
400
500
200
300
100
200
0
17440
VR (V)
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
08
6
410



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com