Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXR.08.A Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # FXR.08.A
Description  Flexible Low Profile Embedded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.08.A Datasheet(HTML) 5 Page - Taoglas antenna solutions

  FXR.08.A Datasheet HTML 1Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 2Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 3Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 4Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 5Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 6Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 7Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 8Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPE-14-8-111/C/CMPage5of10
The test sample is placed on a thin sheet of plastic connected to the movable part of
the fixture. Then the distance is carefully adjusted until the reader can no longer read
the sample, thus the maximum interrogation distance is displayed in the ruler.
3.2. RFID tags used for test
A total of 10 RFID tags were used to measure the interrogation distances. The next
picture shows type 1, type 2 and type 4 tags, respectively.
Type 1 tag is based on ISO/IEC 14443A standard and has 512 bytes of memory.
Type 2 tag is based on ISO/IEC 14443A standard and has 192 bytes of memory.
Type 4 is based on ISO / IEC 14443A 1-4 compliant and has 2K of memory.
The next picture shows the Tag-it HF-I RFID tags from Texas Instruments: RI-102-
112, RI-I11-112, RI-I03-112, RI-I16-112, Button and RI-I17-112.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com