Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXR.08.A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXR.08.A
Description  Flexible Low Profile Embedded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.08.A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXR.08.A Datasheet HTML 1Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 2Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 3Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 4Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 5Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 6Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 7Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 8Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPE-14-8-111/C/CMPage1of10
SPECIFICATION
Part No.
: FXR.08.A
Product Name
: Rectangular Flexible Near-Field
Communications Antenna
Features
: 13.56 MHz Antenna
Flexible Low Profile Embedded
Dimensions: 53.34 mm x 37.3 mm
Thickness: 0.24 mm
Peel and stick 3M adhesive on back
RoHS Compliant


Similar Part No. - FXR.08.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.08.A.DG TAOGLAS-FXR.08.A.DG Datasheet
5Mb / 10P
Low Profile Embedded Antenna
More results

Similar Description - FXR.08.A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701960-6WS241 ETC2-701960-6WS241 Datasheet
276Kb / 1P
Low-profile, flexible strip lighting
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
Flexible, Ultra Low Profile
FXR.05.A TAOGLAS-FXR.05.A Datasheet
1Mb / 10P
Flexible Low Profile Embedded
FXR.06.52.0075X.A TAOGLAS-FXR.06.52.0075X.A Datasheet
2Mb / 10P
Flexible Low Profile Embedded Antenna
FXR.06.A TAOGLAS-FXR.06.A Datasheet
1Mb / 10P
Flexible Low Profile Embedded
FXR.07.52.0075X.A TAOGLAS-FXR.07.52.0075X.A Datasheet
4Mb / 11P
Flexible Low Profile Embedded Antenna
FXR.08.52.0075X.A TAOGLAS-FXR.08.52.0075X.A Datasheet
5Mb / 10P
Flexible Low Profile Embedded Antenna
FXR.08.A.DG TAOGLAS-FXR.08.A.DG Datasheet
5Mb / 10P
Low Profile Embedded Antenna
logo
Linx Technologies
ANT-5GMFPC1-UFL-100 LINX-ANT-5GMFPC1-UFL-100 Datasheet
751Kb / 8P
Flexible Embedded Midband 5G Antenna
2020
ANT-433-FPC-UFL-100 LINX-ANT-433-FPC-UFL-100 Datasheet
641Kb / 8P
Flexible Embedded 433 MHz Antenna
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com