Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP265 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP265
Description  Micropower Programmable Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP265 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP265 Datasheet HTML 1Page - National Semiconductor (TI) LP265 Datasheet HTML 2Page - National Semiconductor (TI) LP265 Datasheet HTML 3Page - National Semiconductor (TI) LP265 Datasheet HTML 4Page - National Semiconductor (TI) LP265 Datasheet HTML 5Page - National Semiconductor (TI) LP265 Datasheet HTML 6Page - National Semiconductor (TI) LP265 Datasheet HTML 7Page - National Semiconductor (TI) LP265 Datasheet HTML 8Page - National Semiconductor (TI) LP265 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Applications
Gated 4-Phase Oscillator
TLH5023 – 4
fe20 kHz
fe
1
16
RtCt
All four phases run when X is low When X is high oscillation stops and
power drain is zero
‘‘Voting’’ Comparator
TLH5023 – 5
If VE e 025V then VOUT will be low if 1 of the 3 other outputs are low
Choice of VE e 050V causes VOUT to be low if 2 of the 3 other outputs are
low VE e 075V will cause VOUT to be low if all 3 other outputs are low
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com